Electronic Components Datasheet Search
  English  ▼

X  

AD5765 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5765
Description  Complete Quad, 16-Bit, High Accuracy, Serial Input, 짹5V DACs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5765 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5765 Datasheet HTML 6Page - Analog Devices AD5765 Datasheet HTML 7Page - Analog Devices AD5765 Datasheet HTML 8Page - Analog Devices AD5765 Datasheet HTML 9Page - Analog Devices AD5765 Datasheet HTML 10Page - Analog Devices AD5765 Datasheet HTML 11Page - Analog Devices AD5765 Datasheet HTML 12Page - Analog Devices AD5765 Datasheet HTML 13Page - Analog Devices AD5765 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
AD5765
Preliminary Technical Data
Rev. PrA | Page 10 of 31
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted. Transient currents of up to
100 mA do not cause SCR latch-up.
Table 5.
Parameter
Rating
AVDD to AGNDX, DGND
−0.3 V to +17 V
AVSS to AGNDX, DGND
+0.3 V to −17 V
DVCC to DGND
−0.3 V to +7 V
Digital Inputs to DGND
−0.3 V to DVCC + 0.3 V or 7 V
(whichever is less)
Digital Outputs to DGND
−0.3 V to DVCC + 0.3 V
REFIN to AGNDX, PGND
−0.3 V to AVDD + 0.3V
VOUTA, VOUTB, VOUTC, VOUTD to
AGNDX
AVSS to AVDD
AGNDX to DGND
−0.3 V to +0.3 V
Operating Temperature Range (TA)
Industrial
−40°C to +105°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature (TJ max)
150°C
Power Dissipation
(TJ max – TA)/ θJA
32-Lead TQFP
θJA Thermal Impedance
65°C/W
θJC Thermal Impedance
12°C/W
Lead Temperature
JEDEC Industry Standard
Soldering
J-STD-020
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com