Electronic Components Datasheet Search
  English  ▼

X  

AD5765 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5765
Description  Complete Quad, 16-Bit, High Accuracy, Serial Input, 짹5V DACs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5765 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5765 Datasheet HTML 14Page - Analog Devices AD5765 Datasheet HTML 15Page - Analog Devices AD5765 Datasheet HTML 16Page - Analog Devices AD5765 Datasheet HTML 17Page - Analog Devices AD5765 Datasheet HTML 18Page - Analog Devices AD5765 Datasheet HTML 19Page - Analog Devices AD5765 Datasheet HTML 20Page - Analog Devices AD5765 Datasheet HTML 21Page - Analog Devices AD5765 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
AD5765
Preliminary Technical Data
Rev. PrA | Page 18 of 31
THEORY OF OPERATION
The AD5765 is a quad, 16-bit, serial input, bipolar voltage output
DAC and operates from supply voltages of ±4.75 V to ±5.25 V and
has a buffered output voltage of up to ±4.311 V. Data is written to
the AD5765 in a 24-bit word format, via a 3-wire serial interface.
The device also offers an SDO pin, which is available for daisy-
chaining or readback.
The AD5765 incorporates a power-on reset circuit, which
ensures that the DAC registers power up loaded with 0x0000.
The AD5765 features a digital I/O port that can be programmed
via the serial interface, on-chip reference buffers and per
channel digital gain, and offset registers.
DAC ARCHITECTURE
The DAC architecture of the AD5765 consists of a 16-bit
current mode segmented R-2R DAC. The simplified circuit
diagram for the DAC section is shown in Figure 31.
The four MSBs of the 16-bit data word are decoded to drive 15
switches, E1 to E15. Each of these switches connects one of the
15 matched resistors to either AGNDX or IOUT. The remaining
12 bits of the data-word drive switches S0 to S11 of the 12-bit
R-2R ladder network.
2R
E15
VREF
2R
E14
E1
2R
S11
RR
R
2R
S10
2R
12-BIT, R-2R LADDER
4 MSBs DECODED INTO
15 EQUAL SEGMENTS
VOUTX
2R
S0
2R
AGNDX
R/8
IOUT
Figure 31. DAC Ladder Structure
REFERENCE BUFFERS
The AD5765 operates with an external reference. The reference
inputs (REFAB and REFCD) have an input range up to 2.1 V.
This input voltage is then used to provide a buffered positive
and negative reference for the DAC cores. The positive
reference is given by
+VREF = 2VREF
The negative reference to the DAC cores is given by
−VREF = −2VREF
These positive and negative reference voltages (along with the
gain register values) define the output ranges of the DACs.
SERIAL INTERFACE
The AD5765 is controlled over a versatile 3-wire serial interface
that operates at clock rates of up to 30 MHz and is compatible
with SPI®, QSPI™, MICROWIRE™, and DSP standards.
Input Shift Register
The input shift register is 24 bits wide. Data is loaded into the
device MSB first as a 24-bit word under the control of a serial
clock input, SCLK. The input register consists of a read/write
bit, three register select bits, three DAC address bits and 16 data
bits as shown in Table 8. The timing diagram for this operation
is shown in Figure 2.
Upon power-up, the DAC registers are loaded with zero code
(0x0000) and the outputs are clamped to 0 V via a low impedance
path. The outputs can be updated with the zero code value at this
time by asserting either LDAC or CLR. The corresponding output
voltage depends on the state of the BIN/2sCOMP pin. If the
BIN/2sCOMP pin is tied to DGND, then the data coding is twos
complement and the outputs update to 0 V. If the BIN/2sCOMP
pin is tied to DVCC, then the data coding is offset binary and the
outputs update to negative full-scale. To have the outputs power-up
with zero code loaded to the outputs, the CLR pin should be held
low during power-up.
Standalone Operation
The serial interface works with both a continuous and noncon-
tinuous serial clock. A continuous SCLK source can only be
used if SYNC is held low for the correct number of clock cycles.
In gated clock mode, a burst clock containing the exact number
of clock cycles must be used and SYNC must be taken high after
the final clock to latch the data. The first falling edge of SYNC
starts the write cycle. Exactly 24 falling clock edges must be
applied to SCLK before SYNC is brought back high again. If
SYNC is brought high before the 24th falling SCLK edge, then
the data written is invalid. If more than 24 falling SCLK edges
are applied before SYNC is brought high, then the input data is
also invalid. The input register addressed is updated on the
rising edge of SYNC. In order for another serial transfer to take
place, SYNC must be brought low again. After the end of the
serial data transfer, data is automatically transferred from the
input shift register to the addressed register.
When the data has been transferred into the chosen register of
the addressed DAC, all DAC registers and outputs can be
updated by taking LDAC low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com