Electronic Components Datasheet Search
  English  ▼

X  

AD5765 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5765
Description  Complete Quad, 16-Bit, High Accuracy, Serial Input, 짹5V DACs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5765 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5765 Datasheet HTML 15Page - Analog Devices AD5765 Datasheet HTML 16Page - Analog Devices AD5765 Datasheet HTML 17Page - Analog Devices AD5765 Datasheet HTML 18Page - Analog Devices AD5765 Datasheet HTML 19Page - Analog Devices AD5765 Datasheet HTML 20Page - Analog Devices AD5765 Datasheet HTML 21Page - Analog Devices AD5765 Datasheet HTML 22Page - Analog Devices AD5765 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
Preliminary Technical Data
AD5765
Rev. PrA | Page 19 of 31
68HC111
MISO
SYNC
SDIN
SCLK
MOSI
SCK
PC7
PC6
LDAC
SDO
SYNC
SCLK
LDAC
SDO
SYNC
SCLK
LDAC
SDO
SDIN
SDIN
1ADDITIONAL PINS OMITTED FOR CLARITY
AD57651
AD57651
AD57651
Figure 32. Daisy-Chaining the AD5765
Daisy-Chain Operation
For systems that contain several devices, the SDO pin can be
used to daisy-chain several devices together. This daisy-chain
mode can be useful in system diagnostics and in reducing the
number of serial interface lines. The first falling edge of SYNC
starts the write cycle. The SCLK is continuously applied to the
input shift register when SYNC is low. If more than 24 clock
pulses are applied, the data ripples out of the shift register and
appears on the SDO line. This data is clocked out on the rising
edge of SCLK and is valid on the falling edge. By connecting the
SDO of the first device to the SDIN input of the next device in
the chain, a multidevice interface is constructed. Each device in
the system requires 24 clock pulses. Therefore, the total number
of clock cycles must equal 24N, where N is the total number of
AD5765 devices in the chain. When the serial transfer to all
devices is complete, SYNC is taken high. This latches the input
data in each device in the daisy chain and prevents any further
data from being clocked into the input shift register. The serial
clock can be a continuous or a gated clock.
A continuous SCLK source can only be used if SYNC is held
low for the correct number of clock cycles. In gated clock mode,
a burst clock containing the exact number of clock cycles must
be used and SYNC must be taken high after the final clock to
latch the data.
Readback Operation
Before a readback operation is initiated, the SDO pin must be
enabled by writing to the function register and clearing the
SDO DISABLE bit; this bit is cleared by default. Readback mode
is invoked by setting the R/W bit = 1 in the serial input register
write. With R/W = 1, Bit A2 to Bit A0, in association with Bit
REG2, Bit REG1, and Bit REG0, select the register to be read.
The remaining data bits in the write sequence are don’t care.
During the next SPI write, the data appearing on the SDO
output contain the data from the previously addressed register.
For a read of a single register, the NOP command can be used
in clocking out the data from the selected register on SDO. The
readback diagram in Figure 4 shows the readback sequence. For
example, to read back the fine gain register of Channel A on the
AD5765, the following sequence should be implemented:
1. Write 0xA0XXXX to the AD5765 input register. This
configures the AD5765 for read mode with the fine gain
register of Channel A selected. Note that all the data bits,
DB15 to DB0, are don’t cares.
2. Follow this with a second write, an NOP condition,
0x00XXXX. During this write, the data from the fine gain
register is clocked out on the SDO line, that is, data clocked
out contain the data from the fine gain register in Bit DB5 to
Bit DB0.
SIMULTANEOUS UPDATING VIA LDAC
Depending on the status of both SYNC and LDAC, and after
data has been transferred into the input register of the DACs,
there are two ways in which the DAC registers and DAC
outputs can be updated.
Individual DAC Updating
In this mode, LDAC is held low while data is being clocked into
the input shift register. The addressed DAC output is updated
on the rising edge of SYNC.
Simultaneous Updating of All DACs
In this mode, LDAC is held high while data is being clocked
into the input shift register. All DAC outputs are updated by
taking LDAC low any time after SYNC has been taken high.
The update now occurs on the falling edge of LDAC.
VOUT
DAC
REGISTER
INTERFACE
LOGIC
OUTPUT
I/V AMPLIFIER
LDAC
SDO
SDIN
16-BIT
DAC
VREFIN
SYNC
INPUT
REGISTER
SCLK
Figure 33. Simplified Serial Interface of Input Loading Circuitry
for One DAC Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com