Electronic Components Datasheet Search
  English  ▼

X  

AD5765 Datasheet(PDF) 20 Page - Analog Devices

Part # AD5765
Description  Complete Quad, 16-Bit, High Accuracy, Serial Input, 짹5V DACs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5765 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5765 Datasheet HTML 16Page - Analog Devices AD5765 Datasheet HTML 17Page - Analog Devices AD5765 Datasheet HTML 18Page - Analog Devices AD5765 Datasheet HTML 19Page - Analog Devices AD5765 Datasheet HTML 20Page - Analog Devices AD5765 Datasheet HTML 21Page - Analog Devices AD5765 Datasheet HTML 22Page - Analog Devices AD5765 Datasheet HTML 23Page - Analog Devices AD5765 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
AD5765
Preliminary Technical Data
Rev. PrA | Page 20 of 31
TRANSFER FUNCTION
Table 7
shows the ideal input code to output voltage
relationship for the AD5765 for both offset binary and twos
complement data coding.
Table 7. Ideal Output Voltage to Input Code Relationship
Digital Input
Analog Output
Offset Binary Data Coding
MSB
LSB
VOUTX
1111
1111
1111
1111
2VREF × (32767/32768)
1000
0000
0000
0001
2VREF × (1/32768)
1000
0000
0000
0000
0 V
0111
1111
1111
1111
−2VREF × (1/32768)
0000
0000
0000
0000
−2VREF × (32767/32768)
Twos Complement Data Coding
MSB
LSB
VOUTX
0111
1111
1111
1111
2VREF × (32767/32768)
0000
0000
0000
0001
2VREF × (1/32768)
0000
0000
0000
0000
0 V
1111
1111
1111
1111
−2VREF × (1/32768)
1000
0000
0000
0000
−2VREF × (32767/32768)
The output voltage expression for the AD5765 is given by
⎥⎦
⎤
⎢⎣
⎡
×
+
×
−
=
65536
4
2
D
V
V
V
REFIN
REFIN
OUT
where:
D is the decimal equivalent of the code loaded to the DAC.
VREFIN is the reference voltage applied at the REFAB/REFCD pins.
ASYNCHRONOUS CLEAR (CLR)
CLR is a negative edge triggered clear that allows the outputs to
be cleared to either 0 V (twos complement coding) or negative
full scale (offset binary coding). It is necessary to maintain CLR
low for a minimum amount of time (see Figure 2) for the
operation to complete. When the CLR signal is returned high,
the output remains at the cleared value until a new value is
programmed. If at power-on, CLR is at 0 V, then all DAC
outputs are updated with the clear value. A clear can also be
initiated through software by writing the command 0x04XXXX
to the AD5765.
Table 8. AD5765 Input Register Format
MSB
LSB
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
R/W
0
REG2
REG1
REG0
A2
A1
A0
DATA
Table 9. Input Register Bit Functions
Bit
Description
R/W
Indicates a read from or a write to the addressed register.
REG2, REG1, REG0
Used in association with the address bits to determine if a read or write operation is to the data register, offset
register, gain register, or function register.
REG2
REG1
REG0
Function
0
0
0
Function Register
0
1
0
Data Register
0
1
1
Coarse Gain Register
1
0
0
Fine Gain Register
1
0
1
Offset Register
A2, A1, A0
These bits are used to decode the DAC channels.
A2
A1
A0
Channel Address
0
0
0
DAC A
0
0
1
DAC B
0
1
0
DAC C
0
1
1
DAC D
1
0
0
ALL DACs
D15:D0
Data Bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com