Electronic Components Datasheet Search
  English  ▼

X  

AD7401A Datasheet(PDF) 9 Page - Analog Devices

Part # AD7401A
Description  Isolated Sigma-Delta Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7401A Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7401A Datasheet HTML 5Page - Analog Devices AD7401A Datasheet HTML 6Page - Analog Devices AD7401A Datasheet HTML 7Page - Analog Devices AD7401A Datasheet HTML 8Page - Analog Devices AD7401A Datasheet HTML 9Page - Analog Devices AD7401A Datasheet HTML 10Page - Analog Devices AD7401A Datasheet HTML 11Page - Analog Devices AD7401A Datasheet HTML 12Page - Analog Devices AD7401A Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD7401A
Rev. 0 | Page 9 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VDD1 1
VIN+ 2
VIN– 3
NC 4
GND2
16
NC
15
VDD2
14
MCLKIN
13
NC 5
NC
12
NC 6
MDAT
11
VDD1 7
NC
10
GND1 8
GND2
9
NC = NO CONNECT
AD7401A
TOP VIEW
(Not to Scale)
Figure 5. Pin Configuration
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 7
VDD1
Supply Voltage, 4.5 V to 5.5 V. This is the supply voltage for the isolated side of the AD7401A and is relative to GND1.
2
VIN+
Positive Analog Input. Specified range of ±250 mV.
3
VIN−
Negative Analog Input. Normally connected to GND1.
4 to 6, 10,
12, 15
NC
No Connect.
8
GND1
Ground 1. This is the ground reference point for all circuitry on the isolated side.
9, 16
GND2
Ground 2. This is the ground reference point for all circuitry on the nonisolated side.
11
MDAT
Serial Data Output. The single bit modulator output is supplied to this pin as a serial data stream.
The bits are clocked out on the rising edge of the MCLKIN input and valid on the following MCLKIN rising edge.
13
MCLKIN
Master Clock Logic Input. 20 MHz maximum. The bit stream from the modulator is valid on the rising edge of MCLKIN.
14
VDD2
Supply Voltage. 3 V to 5.5 V. This is the supply voltage for the nonisolated side and is relative to GND2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com