Electronic Components Datasheet Search
  English  ▼

X  

AD7401A Datasheet(PDF) 16 Page - Analog Devices

Part # AD7401A
Description  Isolated Sigma-Delta Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7401A Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7401A Datasheet HTML 12Page - Analog Devices AD7401A Datasheet HTML 13Page - Analog Devices AD7401A Datasheet HTML 14Page - Analog Devices AD7401A Datasheet HTML 15Page - Analog Devices AD7401A Datasheet HTML 16Page - Analog Devices AD7401A Datasheet HTML 17Page - Analog Devices AD7401A Datasheet HTML 18Page - Analog Devices AD7401A Datasheet HTML 19Page - Analog Devices AD7401A Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD7401A
Rev. 0 | Page 16 of 20
DIGITAL FILTER
The overall system resolution and throughput rate is determined
by the filter selected and the decimation rate used. The higher
the decimation rate, the greater the system accuracy, as illus-
trated in Figure 26. However, there is a tradeoff between accuracy
and throughput rate and, therefore, higher decimation rates
result in lower throughput solutions. Note that for a given
bandwidth requirement, a higher MCLKIN frequency can allow
for higher decimation rates to be used, resulting in higher SNR
performance.
80
70
60
50
40
30
20
10
0
90
10
100
1k
1
DECIMATION RATE
SINC3
SINC2
SINC1
Figure 26. SNR vs. Decimation Rate for Different Filter Types
A sinc3 filter is recommended for use with the AD7401A. This
filter can be implemented on an FPGA or a DSP.
(
)
()
3
1
1
1
)
(
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
−
=
−
Z
Z
z
H
DR
where DR is the decimation rate.
The following Verilog code provides an example of a sinc3 filter
implementation on a Xilinx® Spartan-II 2.5 V FPGA. This code
can possibly be compiled for another FPGA, such as an Altera®
device. Note that the data is read on the negative clock edge in
this case, although it can be read on the positive edge, if
preferred.
/*`Data is read on negative clk edge*/
module DEC256SINC24B(mdata1, mclk1, reset,
DATA);
input
mclk1;
/*used to clk filter*/
input
reset;
/*used to reset filter*/
input
mdata1;
/*ip data to be
filtered*/
output [15:0] DATA;
/*filtered op*/
integer location;
integer info_file;
reg [23:0]
ip_data1;
reg [23:0]
acc1;
reg [23:0]
acc2;
reg [23:0]
acc3;
reg [23:0]
acc3_d1;
reg [23:0]
acc3_d2;
reg [23:0]
diff1;
reg [23:0]
diff2;
reg [23:0]
diff3;
reg [23:0]
diff1_d;
reg [23:0]
diff2_d;
reg [15:0]
DATA;
reg [7:0]
word_count;
reg word_clk;
reg init;
/*Perform the Sinc ACTION*/
always @ (mdata1)
if(mdata1==0)
ip_data1 <= 0;
/* change from a 0
to a -1 for 2's comp */
else
ip_data1 <= 1;
/*ACCUMULATOR (INTEGRATOR)
Perform the accumulation (IIR) at the speed
of the modulator.
MCLKIN
IP_DATA1
ACC1+
ACC2+
ACC3+
+
Z
+
Z
+
Z
Figure 27. Accumulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com