Electronic Components Datasheet Search
  English  ▼

X  

AD7401A Datasheet(PDF) 3 Page - Analog Devices

Part # AD7401A
Description  Isolated Sigma-Delta Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7401A Datasheet(HTML) 3 Page - Analog Devices

  AD7401A Datasheet HTML 1Page - Analog Devices AD7401A Datasheet HTML 2Page - Analog Devices AD7401A Datasheet HTML 3Page - Analog Devices AD7401A Datasheet HTML 4Page - Analog Devices AD7401A Datasheet HTML 5Page - Analog Devices AD7401A Datasheet HTML 6Page - Analog Devices AD7401A Datasheet HTML 7Page - Analog Devices AD7401A Datasheet HTML 8Page - Analog Devices AD7401A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD7401A
Rev. 0 | Page 3 of 20
SPECIFICATIONS
VDD1 = 4.5 V to 5.5 V, VDD2 = 3 V to 5.5 V, VIN+ = −200 mV to +200 mV, and VIN− = 0 V (single-ended); TA = −40°C to +125°C, fMCLKIN =
16 MHz maximum,1 tested with sinc3 filter, 256 decimation rate, as defined by Verilog code, unless otherwise noted.
Table 1.
Parameter
Y Version1, 2
Unit
Test Conditions/Comments
Min
Typ
Max
STATIC PERFORMANCE
Resolution
16
Bits
Filter output truncated to 16 bits
Integral Nonlinearity (INL)3
±1.5
±7
LSB
VIN+ = ±200 V, TA = −40°C to +85°C, fMCLKIN = 20 MHz max1
±2
±13
LSB
VIN+ = ±250 V, TA = −40°C to +85°C, fMCLKIN = 20 MHz max1
±1.5
±11
LSB
VIN+ = ±200 V, TA = −40°C to +125°C, fMCLKIN = 20 MHz max1
±2
±46
LSB
VIN+ = ±250 V, TA = −40°C to +125°C, fMCLKIN = 20 MHz max1
Differential Nonlinearity (DNL)3
±0.9
LSB
Guaranteed no missed codes to 16 bits,
fMCLKIN = 20 MHz max,1 VIN+ = −250 mV to +250 mV
Offset Error3
±.025
±0.5
mV
fMCLKIN = 20 MHz max,1 VIN+ = −250 mV to +250 mV
Offset Drift vs. Temperature3
1
3.5
μV/°C
Offset Drift vs. VDD13
120
μV/V
Gain Error3
0.07
±1.5
mV
±1
mV
fMCLKIN = 20 MHz max,1 VIN+ = −250 mV to +250 mV
Gain Error Drift vs. Temperature3
23
μV/°C
Gain Error Drift vs. VDD13
110
μV/V
ANALOG INPUT
Input Voltage Range
±200
±250
mV
For specified performance; full range ±320 mV
Dynamic Input Current
±13
±18
μA
VIN+ = 500 mV, VIN− = 0 V, fMCLKIN = 20 MHz max1
±10
±15
μA
VIN+ = 400 mV, VIN− = 0 V, fMCLKIN = 20 MHz max1
0.08
μA
VIN+ = 0 V, VIN− = 0 V, fMCLKIN = 20 MHz max1
DC Leakage Current
±0.01
±0.6
μA
Input Capacitance
10
pF
DYNAMIC SPECIFICATIONS
VIN+ = 5 kHz
Signal-to-(Noise + Distortion) Ratio (SINAD)3
76
82
dB
VIN+ = ±200 V, TA = −40°C to +85°C,
fMCLKIN = 5 MHz to 20 MHz1
71
82
dB
VIN+ = ±250 V, TA = −40°C to +85°C,
fMCLKIN = 5 MHz to 20 MHz1
72
82
dB
VIN+ = ±200 V, TA = −40°C to +125°C,
fMCLKIN = 5 MHz to 20 MHz1
82
dB
VIN+ = ±250 V, TA = −40°C to +125°C,
fMCLKIN = 5 MHz to 20 MHz1
Signal-to-Noise Ratio (SNR)3
81
83
dB
VIN+ = ±250 V, TA = −40°C to +125°C,
fMCLKIN = 5 MHz to 20 MHz1
80
82
dB
VIN+ = ±200 V, TA = −40°C to +125°C,
fMCLKIN = 5 MHz to 20 MHz1
Total Harmonic Distortion (THD)3
−90
dB
fMCLKIN = 20 MHz max1, VIN+ = −250 mV to +250 mV
Peak Harmonic or Spurious Noise (SFDR)3
−92
dB
Effective Number of Bits (ENOB)3
13.3
12.3
Bits
Isolation Transient Immunity3
25
30
kV/μs
LOGIC INPUTS
Input High Voltage, VIH
0.8 × VDD2
V
Input Low Voltage, VIL
0.2 × VDD2
V
Input Current, IIN
±0.5
μA
Floating State Leakage Current
1
μA
Input Capacitance, CIN4
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com