Electronic Components Datasheet Search
  English  ▼

X  

AD7682 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7682
Description  16-Bit, 8-Channel, 500 kSPS PulSAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7682 Datasheet(HTML) 5 Page - Analog Devices

  AD7682 Datasheet HTML 1Page - Analog Devices AD7682 Datasheet HTML 2Page - Analog Devices AD7682 Datasheet HTML 3Page - Analog Devices AD7682 Datasheet HTML 4Page - Analog Devices AD7682 Datasheet HTML 5Page - Analog Devices AD7682 Datasheet HTML 6Page - Analog Devices AD7682 Datasheet HTML 7Page - Analog Devices AD7682 Datasheet HTML 8Page - Analog Devices AD7682 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AD7699
Rev. 0 | Page 5 of 28
TIMING SPECIFICATIONS
VDD = 4.5 V to 5.5 V, VREF = 4.096 to VDD, VIO = 1.8 V to VDD, all specifications TMIN to TMAX, unless otherwise noted.
Table 3.
Parameter1
Symbol
Min
Typ
Max
Unit
Conversion Time: CNV Rising Edge to Data Available
t
CONV
1.6
µs
Acquisition Time
t
ACQ
400
ns
Time Between Conversions
t
CYC
2
µs
CNV Pulse Width
t
CNVH
10
ns
Data Write/Read During Conversion
t
DATA
1.2
µs
SCK Period
t
SCK
t
DSDO + 2
ns
SCK Low Time
t
SCKL
11
ns
SCK High Time
t
SCKH
11
ns
SCK Falling Edge to Data Remains Valid
t
HSDO
4
ns
SCK Falling Edge to Data Valid Delay
t
DSDO
VIO Above 4.5 V
16
ns
VIO Above 3 V
17
ns
VIO Above 2.7 V
18
ns
VIO Above 2.3 V
21
ns
VIO Above 1.8 V
28
ns
CNV Low to SDO D15 MSB Valid
t
EN
VIO Above 4.5 V
15
ns
VIO Above 3 V
17
ns
VIO Above 2.7 V
18
ns
VIO Above 2.3 V
22
ns
VIO Above 1.8 V
25
ns
CNV High or Last SCK Falling Edge to SDO High Impedance
t
DIS
32
ns
CNV Low to SCK Rising Edge
t
CLSCK
10
ns
DIN Valid Setup Time from SCK Falling Edge
t
SDIN
5
ns
DIN Valid Hold Time from SCK Falling Edge
t
HDIN
5
ns
1 See Figure 2 and Figure 3 for load conditions.
IOL
500µA
500µA
IOH
1.4V
TO SDO
CL
50pF
Figure 2. Load Circuit for Digital Interface Timing
30% VIO
70% VIO
2V OR VIO – 0.5V1
0.8V OR 0.5V2
0.8V OR 0.5V2
2V OR VIO – 0.5V1
tDELAY
tDELAY
1 2V IF VIO ABOVE 2.5V, VIO – 0.5V IF VIO BELOW 2.5V.
2 0.8V IF VIO ABOVE 2.5V, 0.5V IF VIO BELOW 2.5V.
Figure 3. Voltage Levels for Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com