Electronic Components Datasheet Search
  English  ▼

X  

AD7682 Datasheet(PDF) 18 Page - Analog Devices

Part # AD7682
Description  16-Bit, 8-Channel, 500 kSPS PulSAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7682 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7682 Datasheet HTML 14Page - Analog Devices AD7682 Datasheet HTML 15Page - Analog Devices AD7682 Datasheet HTML 16Page - Analog Devices AD7682 Datasheet HTML 17Page - Analog Devices AD7682 Datasheet HTML 18Page - Analog Devices AD7682 Datasheet HTML 19Page - Analog Devices AD7682 Datasheet HTML 20Page - Analog Devices AD7682 Datasheet HTML 21Page - Analog Devices AD7682 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
AD7699
Rev. 0 | Page 18 of 28
DRIVER AMPLIFIER CHOICE
Although the AD7699 is easy to drive, the driver amplifier must
meet the following requirements:
•
The noise generated by the driver amplifier must be kept
as low as possible to preserve the SNR and transition noise
performance of the AD7699. Note that the AD7699 has a
noise much lower than most of the other 16-bit ADCs and,
therefore, can be driven by a noisier amplifier to meet a given
system noise specification. The noise from the amplifier is
filtered by the AD7699 analog input circuit low-pass filter
made by RIN and CIN or by an external filter, if one is used.
Because the typical noise of the AD7699 is 35 µV rms (with
VREF = 5 V), the SNR degradation due to the amplifier is
+
=
−
2
2
)
(
2
π
35
35
log
20
N
3dB
LOSS
Ne
f
SNR
where:
f−3dB is the input bandwidth in megahertz of the AD7699
(14.7 MHz in full BW or 670 kHz in ¼ BW) or the cutoff
frequency of an input filter, if one is used.
N is the noise gain of the amplifier (for example, 1 in buffer
configuration).
eN is the equivalent input noise voltage of the op amp, in
nV/√Hz.
•
For ac applications, the driver should have a THD perfor-
mance commensurate with the AD7699. Figure 12 shows
THD vs. frequency for the AD7699.
•
For multichannel, multiplexed applications on each input
or input pair, the driver amplifier and the AD7699 analog
input circuit must settle a full-scale step onto the capacitor
array at a 16-bit level (0.0015%). In amplifier data sheets,
settling at 0.1% to 0.01% is more commonly specified. This
may differ significantly from the settling time at a 16-bit
level and should be verified prior to driver selection.
Table 7. Recommended Driver Amplifiers
Amplifier
Typical Application
ADA4841-x
Very low noise, small, and low power
AD8655
5 V single supply, low noise
AD8021
Very low noise and high frequency
AD8022
Low noise and high frequency
OP184
Low power, low noise, and low frequency
AD8605, AD8615
5 V single supply, low power
VOLTAGE REFERENCE OUTPUT/INPUT
The AD7699 allows the choice of a very low temperature drift
internal voltage reference, an external reference, or an external
buffered reference.
The internal reference of the AD7699 provides excellent
performance and can be used in almost all applications. There
are five possible choices of voltage reference schemes briefly
described in Table 8 with more details in each of the following
sections.
Internal Reference/Temperature Sensor
The internal reference can be set for a 4.096 V output as
detailed in Table 8. With the internal reference enabled, the
band gap voltage is also present on the REFIN pin, which
requires an external 0.1 μF capacitor. Because the current
output of REFIN is limited, it can be used as a source if followed
by a suitable buffer, such as the AD8605.
Enabling the reference also enables the internal temperature
sensor, which measures the internal temperature of the AD7699
and is thus useful for performing a system calibration. Note
that, when using the temperature sensor, the output is straight
binary referenced from the AD7699 GND pin.
The internal reference is temperature-compensated to within
15 mV. The reference is trimmed to provide a typical drift of
3 ppm/°C.
External Reference and Internal Buffer
For improved drift performance, an external reference can be
used with the internal buffer. The external reference is connected
to REFIN, and the output is produced on the REF pin. An
external reference can be used with the internal buffer with or
without the temperature sensor enabled. Refer to Table 8 for
register details. With the buffer enabled, the gain is unity and is
limited to an input/output of 4.096 V.
The internal reference buffer is useful in multiconverter applica-
tions because a buffer is typically required in these applications. In
addition, a low power reference can be used because the internal
buffer provides the necessary performance to drive the SAR
architecture of the AD7699.
External Reference
In any of the five voltage reference schemes, an external refer-
ence can be connected directly on the REF pin because the output
impedance of REF is >5 kΩ. To reduce power consumption, the
reference and buffer can be powered down independently or
together for the lowest power consumption. However, for applica-
tions requiring the use of the temperature sensor, the reference
must be active. Refer to Table 8 for register details. For improved
drift performance, an external reference such as the ADR43x or
ADR44x is recommended.
Reference Decoupling
Whether using an internal or external reference, the AD7699
voltage reference output/input, REF, has a dynamic input
impedance and should therefore be driven by a low impedance
source with efficient decoupling between the REF and GND
pins. This decoupling depends on the choice of the voltage
reference but usually consists of a low ESR capacitor connected
to REF and GND with minimum parasitic inductance. A 10 µF
(X5R, 1206 size) ceramic chip capacitor is appropriate when
using the internal reference, the ADR43x/ADR44x external



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com