Electronic Components Datasheet Search
  English  ▼

X  

AD7682 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7682
Description  16-Bit, 8-Channel, 500 kSPS PulSAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7682 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7682 Datasheet HTML 5Page - Analog Devices AD7682 Datasheet HTML 6Page - Analog Devices AD7682 Datasheet HTML 7Page - Analog Devices AD7682 Datasheet HTML 8Page - Analog Devices AD7682 Datasheet HTML 9Page - Analog Devices AD7682 Datasheet HTML 10Page - Analog Devices AD7682 Datasheet HTML 11Page - Analog Devices AD7682 Datasheet HTML 12Page - Analog Devices AD7682 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AD7699
Rev. 0 | Page 9 of 28
100
95
90
85
80
75
70
65
60
0
50
100
150
200
250
300
350
400
450
500
FREQUENCY (kHz)
VREF = 5V
–0.5dB
–10dB
Figure 11. SNR vs. Frequency
–60
–65
–70
–75
–80
–85
–90
–95
–100
–105
–110
–115
–120
0
50
100
150
200
250
300
350
400
450
500
FREQUENCY (kHz)
VREF = 5V
–10dB
–0.5dB
Figure 12. THD vs. Frequency
96
94
92
90
88
86
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
fIN = 20kHz
SNR, VREF = 5V
SINAD, VREF = 5V
SNR, VREF = 4.096V
SINAD, VREF = 4.096V
Figure 13. SNR, SINAD vs.Temperature
100
95
90
85
80
75
70
65
60
0
50
100
150
200
250
300
350
400
450
500
FREQUENCY (kHz)
VREF = 5V
–10dB
–0.5dB
Figure 14. SINAD vs. Frequency
16
15
14
13
12
11
10
0
50
100
150
200
250
300
350
400
450
500
FREQUENCY (kHz)
VREF = 5V
–10dB
–0.5dB
Figure 15. ENOB vs. Frequency
–80
–85
–90
–95
–100
115
110
105
100
95
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
SFDR, VREF = 5V
SFDR,
VREF = 4.096V
THD, VREF = 5V
THD, VREF = 4.096V
fIN = 20kHz
Figure 16. THD, SFDR vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com