| Electronic Components Datasheet Search |
|
AD7682 Datasheet(PDF) 22 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7682 Datasheet(HTML) 22 Page - Analog Devices |
|
22 / 28 page ![]() AD7699 Rev. 0 | Page 22 of 28 GENERAL TIMING WITHOUT A BUSY INDICATOR Figure 35 details the timing for all three modes: reading/writing during conversion, after conversion, and spanning conversion. Note that the gating item for both CFG and data readback is at the end of conversion (EOC). At the end of conversions (EOC), if CNV is high, the busy indicator is disabled. As detailed previously, the data access should occur up to safe data reading/writing time, tDATA. If the full CFG word was not written to prior to EOC, it is discarded and the current configuration remains. If the conversion result is not read out fully prior to EOC, it is lost as the ADC updates SDO with the MSB of the current conversion. For detailed timing, refer to Figure 36 and Figure 37, which depict reading/writing spanning conversion with all timing details, including setup, hold, and SCK. When CNV is brought low after EOC, SDO is driven from high impedance to the MSB. Falling SCK edges clock out bits starting with MSB − 1. The SCK can idle high or low depending on the clock polarity (CPOL) and clock phase (CPHA) settings if SPI is used. A simple solution is to use CPOL = CPHA = 0 as shown in Figure 35 with SCK idling low. PHASE CNV CNV CNV DIN SDO DIN SDO DIN SDO SCK SCK SCK NOTES 1. CNV MUST BE HIGH PRIOR TO THE END OF CONVERSION (EOC) TO AVOID THE BUSY INDICATOR. A TOTAL OF 16 SCK FALLING EDGES IS REQUIRED TO RETURN SDO TO HIGH-Z. IF CFG READBACK IS ENABLED, A TOTAL OF 30 SCK FALLING EDGES IS REQUIRED TO RETURN SDO TO HIGH-Z. tCYC tCONV tDATA 1 ACQUISITION (n – 1) ACQUISITION (n) ACQUISITION (n + 1) ACQUISITION (n + 2) CONVERSION (n – 1) CONVERSION (n) CONVERSION (n + 1) CONVERSION (n – 2) DATA (n – 2) DATA (n – 2) DATA (n – 1) DATA (n – 1) DATA (n) DATA (n) DATA (n + 1) CFG (n) CFG (n + 2) CFG (n + 1) CFG (n + 3) 1 16/30 1 16/30 1 16/30 1 16/30 1 16/30 1 16/30 1 16/30 1 1 16/30 1 16/30 1 16/30 DATA (n – 2) DATA (n – 1) DATA (n + 1) DATA (n) CFG (n) CFG (n + 1) CFG (n + 2) CFG (n + 3) XXX DATA (n – 2) DATA (n – 1) DATA (n) XXX CFG (n) CFG (n + 1) CFG (n + 2) MSB (n – 1) MSB (n + 1) MSB (n) MSB (n – 2) END OF CONVERSION (EOC) START OF CONVERSION EOC EOC POWER UP Figure 35. General Interface Timing for the AD7699 Without a Busy Indicator |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |