Electronic Components Datasheet Search
  English  ▼

X  

AD7689 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7689
Description  14-Bit, 8-Channel, 250 kSPS PulSAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7689 Datasheet(HTML) 4 Page - Analog Devices

  AD7689 Datasheet HTML 1Page - Analog Devices AD7689 Datasheet HTML 2Page - Analog Devices AD7689 Datasheet HTML 3Page - Analog Devices AD7689 Datasheet HTML 4Page - Analog Devices AD7689 Datasheet HTML 5Page - Analog Devices AD7689 Datasheet HTML 6Page - Analog Devices AD7689 Datasheet HTML 7Page - Analog Devices AD7689 Datasheet HTML 8Page - Analog Devices AD7689 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD7949
Rev. A | Page 4 of 28
Parameter
Conditions/Comments
Min
Typ
Max
Unit
AC ACCURACY5
Dynamic Range
85.6
dB6
Signal-to-Noise
fIN = 20 kHz, VREF = 5 V
84.5
85.5
dB
fIN = 20 kHz, VREF = 4.096 V internal REF
85
dB
fIN = 20 kHz, VREF = 2.5 V internal REF
84
dB
SINAD
fIN = 20 kHz, VREF = 5 V
84
85
dB
fIN = 20 kHz, VREF = 5 V, −60 dB input
33.5
dB
fIN = 20 kHz, VREF = 4.096 V internal REF
85
dB
fIN = 20 kHz, VREF = 2.5 V internal REF
84
dB
Total Harmonic Distortion
fIN = 20 kHz
−100
dB
Spurious-Free Dynamic Range
fIN = 20 kHz
108
dB
Channel-to-Channel Crosstalk
fIN = 100 kHz on adjacent channel(s)
−125
dB
SAMPLING DYNAMICS
−3 dB Input Bandwidth
Selectable
0.425
1.7
MHz
Aperture Delay
VDD = 5 V
2.5
ns
INTERNAL REFERENCE
REF Output Voltage
2.5 V, @ 25°C
2.490
2.500
2.510
V
4.096 V, @ 25°C
4.086
4.096
4.106
V
REFIN Output Voltage7
2.5 V, @ 25°C
1.2
V
4.096 V, @ 25°C
2.3
V
REF Output Current
±300
μA
Temperature Drift
±10
ppm/°C
Line Regulation
VDD = 5 V ± 5%
±15
ppm/V
Long-Term Drift
1000 hours
50
ppm
Turn-On Settling Time
CREF = 10 μF
5
ms
EXTERNAL REFERENCE
Voltage Range
REF input
0.5
VDD + 0.3
V
REFIN input (buffered)
0.5
VDD − 0.2
V
Current Drain
250 kSPS, REF = 5 V
50
μA
TEMPERATURE SENSOR
Output Voltage8
@ 25°C
283
mV
Temperature Sensitivity
1
mV/°C
DIGITAL INPUTS
Logic Levels
VIL
−0.3
+0.3 × VIO
V
VIH
0.7 × VIO
VIO + 0.3
V
IIL
−1
+1
μA
IIH
−1
+1
μA
DIGITAL OUTPUTS
Data Format9
Pipeline Delay10
VOL
ISINK = +500 μA
0.4
V
VOH
ISOURCE = −500 μA
VIO − 0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com