Electronic Components Datasheet Search
  English  ▼

X  

AD7689 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7689
Description  14-Bit, 8-Channel, 250 kSPS PulSAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7689 Datasheet(HTML) 3 Page - Analog Devices

  AD7689 Datasheet HTML 1Page - Analog Devices AD7689 Datasheet HTML 2Page - Analog Devices AD7689 Datasheet HTML 3Page - Analog Devices AD7689 Datasheet HTML 4Page - Analog Devices AD7689 Datasheet HTML 5Page - Analog Devices AD7689 Datasheet HTML 6Page - Analog Devices AD7689 Datasheet HTML 7Page - Analog Devices AD7689 Datasheet HTML 8Page - Analog Devices AD7689 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AD7949
Rev. A | Page 3 of 28
SPECIFICATIONS
VDD = 2.5 V to 5.5 V, VIO = 2.3 V to VDD, VREF = VDD, all specifications TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
Conditions/Comments
Min
Typ
Max
Unit
RESOLUTION
14
Bits
ANALOG INPUT
Voltage Range
Unipolar mode
0
+VREF
V
Bipolar mode
−VREF/2
+VREF/2
Absolute Input Voltage
Positive input, unipolar and bipolar modes
−0.1
VREF + 0.1
V
Negative or COM input, unipolar mode
−0.1
+0.1
Negative or COM input, bipolar mode
VREF/2 − 0.1
VREF/2
VREF/2 + 0.1
Analog Input CMRR
fIN = 250 kHz
68
dB
Leakage Current at 25°C
Acquisition phase
1
nA
Input Impedance1
THROUGHPUT
Conversion Rate
Full Bandwidth2
VDD = 4.5 V to 5.5 V
0
250
kSPS
VDD = 2.3 V to 4.5 V
0
200
kSPS
¼ Bandwidth2
VDD = 4.5 V to 5.5 V
0
62.5
kSPS
VDD = 2.3 V to 4.5 V
0
50
kSPS
Transient Response
Full-scale step, full bandwidth
1.8
μs
Full-scale step, ¼ bandwidth
14.8
μs
ACCURACY
No Missing Codes
14
Bits
Integral Linearity Error
−1
±0.5
+1
LSB3
Differential Linearity Error
−1
±0.25
+1
LSB
Transition Noise
REF = VDD = 5 V
0.1
LSB
Gain Error4
−5
±0.5
+5
LSB
Gain Error Match
−1
±0.2
+1
LSB
Gain Error Temperature Drift
±1
ppm/°C
Offset Error4
±0.5
LSB
Offset Error Match
−1
±0.2
+1
LSB
Offset Error Temperature Drift
±1
ppm/°C
Power Supply Sensitivity
VDD = 5 V
± 5%
±0.2
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com