Electronic Components Datasheet Search
  English  ▼

X  

AD7689 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7689
Description  14-Bit, 8-Channel, 250 kSPS PulSAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7689 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7689 Datasheet HTML 15Page - Analog Devices AD7689 Datasheet HTML 16Page - Analog Devices AD7689 Datasheet HTML 17Page - Analog Devices AD7689 Datasheet HTML 18Page - Analog Devices AD7689 Datasheet HTML 19Page - Analog Devices AD7689 Datasheet HTML 20Page - Analog Devices AD7689 Datasheet HTML 21Page - Analog Devices AD7689 Datasheet HTML 22Page - Analog Devices AD7689 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
AD7949
Rev. A | Page 19 of 28
•
For multichannel, multiplexed applications on each input
or input pair, the driver amplifier and the AD7949 analog
input circuit must settle a full-scale step onto the capacitor
array at a 14-bit level (0.0015%). In the amplifier data
sheet, settling at 0.1% to 0.01% is more commonly
specified. This may differ significantly from the settling
time at a 14-bit level and should be verified prior to driver
selection.
Table 8. Recommended Driver Amplifiers
Amplifier
Typical Application
ADA4841-x
Very low noise, small, and low power
AD8655
5 V single supply, low noise
AD8021
Very low noise and high frequency
AD8022
Low noise and high frequency
OP184
Low power, low noise, and low frequency
AD8605, AD8615
5 V single supply, low power
VOLTAGE REFERENCE OUTPUT/INPUT
The AD7949 allows the choice of a very low temperature drift
internal voltage reference, an external reference, or an external
buffered reference.
The internal reference of the AD7949 provides excellent perfor-
mance and can be used in almost all applications. There are six
possible choices of voltage reference schemes briefly described
in Table 9 with more details in each of the following sections.
Internal Reference/Temperature Sensor
The internal reference can be set for either 2.5 V or a 4.096 V
output as detailed in Table 9. With the internal reference
enabled, the band gap voltage is also present on the REFIN pin,
which requires an external 0.1 μF capacitor. Because the current
output of REFIN is limited, it can be used as a source if followed
by a suitable buffer, such as the AD8605.
Enabling the reference also enables the internal temperature
sensor, which measures the internal temperature of the AD7949
and is thus useful for performing a system calibration. Note
that, when using the temperature sensor, the output is straight
binary referenced from the AD7949 GND pin.
The internal reference is temperature-compensated to within
15 mV. The reference is trimmed to provide a typical drift of
3 ppm/°C.
External Reference and Internal Buffer
For improved drift performance, an external reference can be
used with the internal buffer. The external reference is con-
nected to REFIN, and the output is produced on the REF pin.
An external reference can be used with the internal buffer with
or without the temperature sensor enabled. Refer to Table 9 for
the register details. With the buffer enabled, the gain is unity and is
limited to an input/output of 4.096 V.
The internal reference buffer is useful in multiconverter appli-
cations because a buffer is typically required in these applications.
In addition, a low power reference can be used because the
internal buffer provides the necessary performance to drive the
SAR architecture of the AD7949.
External Reference
In any of the six voltage reference schemes, an external reference
can be connected directly on the REF pin because the output
impedance of REF is >5 kΩ. To reduce power consumption, the
reference and buffer can be powered down independently or
together for the lowest power consumption. However, for
applications requiring the use of the temperature sensor, the
reference must be active. Refer to Table 9 for register details.
For improved drift performance, an external reference such as
the ADR43x or ADR44x is recommended.
Reference Decoupling
Whether using an internal or external reference, the AD7949
voltage reference output/input, REF, has a dynamic input
impedance and should therefore be driven by a low impedance
source with efficient decoupling between the REF and GND pins.
This decoupling depends on the choice of the voltage reference
but usually consists of a low ESR capacitor connected to REF
and GND with minimum parasitic inductance. A 10 μF (X5R,
1206 size) ceramic chip capacitor is appropriate when using the
internal reference, the ADR43x /ADR44x external reference, or
a low impedance buffer such as the AD8031 or the AD8605.
The placement of the reference decoupling capacitor is also
important to the performance of the AD7949, as explained in the
Layout section. The decoupling capacitor should be mounted on
the same side as the ADC at the REF pin with a thick PCB trace.
The GND should also connect to the reference decoupling
capacitor with the shortest distance and to the analog ground
plane with several vias.
If desired, smaller reference decoupling capacitor values down
to 2.2 μF can be used with a minimal impact on performance,
especially on DNL.
Regardless, there is no need for an additional lower value
ceramic decoupling capacitor (for example, 100 nF) between the
REF and GND pins.
For applications that use multiple AD7949s or other PulSAR
devices, it is more effective to use the internal reference buffer
to buffer the external reference voltage, thus reducing SAR
conversion crosstalk.
The voltage reference temperature coefficient (TC) directly impacts
full scale; therefore, in applications where full-scale accuracy
matters, care must be taken with the TC. For instance, a
±61 ppm/°C TC of the reference changes full scale by ±1 LSB/°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com