Electronic Components Datasheet Search
  English  ▼

X  

AD7689 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7689
Description  14-Bit, 8-Channel, 250 kSPS PulSAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7689 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7689 Datasheet HTML 5Page - Analog Devices AD7689 Datasheet HTML 6Page - Analog Devices AD7689 Datasheet HTML 7Page - Analog Devices AD7689 Datasheet HTML 8Page - Analog Devices AD7689 Datasheet HTML 9Page - Analog Devices AD7689 Datasheet HTML 10Page - Analog Devices AD7689 Datasheet HTML 11Page - Analog Devices AD7689 Datasheet HTML 12Page - Analog Devices AD7689 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AD7949
Rev. A | Page 9 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
VDD
2
REF
3
REFIN
4
GND
5
GND
13 SCK
14 SDO
15 VIO
12 DIN
11 CNV
TOP VIEW
(Not to Scale)
AD7949
Figure 4. 20-Lead LFCSP Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1, 20
VDD
P
Power Supply. Nominally 2.5 V to 5.5 V when using an external reference and decoupled with
10 μF and 100 nF capacitors.
When using the internal reference for 2.5 V output, the minimum should be 3.0 V.
When using the internal reference for 4.096 V output, the minimum should be 4.5 V.
2
REF
AI/O
Reference Input/Output. See the Voltage Reference Output/Input section.
When the internal reference is enabled, this pin produces a selectable system reference = 2.5 V or
4.096 V.
When the internal reference is disabled and the buffer is enabled, REF produces a buffered
version of the voltage present on the REFIN pin (4.096 V maximum) useful when using low cost,
low power references.
For improved drift performance, connect a precision reference to REF (0.5 V to VDD).
For any reference method, this pin needs decoupling with an external 10 μF capacitor
connected as close to REF as possible. See the Reference Decoupling section.
3
REFIN
AI/O
Internal Reference Output/Reference Buffer Input. See the Voltage Reference Output/Input
section.
When using the internal reference, the internal unbuffered reference voltage is present and
needs decoupling with a 0.1μF capacitor.
When using the internal reference buffer, apply a source between 0.5 V and 4.096 V that is
buffered to the REF pin as described above.
4, 5
GND
P
Power Supply Ground.
6 to 9
IN4 to IN7
AI
Channel 4 through Channel 7 Analog Inputs.
10
COM
AI
Common Channel Input. All channels [7:0] can be referenced to a common mode point of 0 V or
VREF/2 V.
11
CNV
DI
Convert Input. On the rising edge, CNV initiates the conversion. During conversion, if CNV is
held high, the busy indictor is enabled.
12
DIN
DI
Data Input. This input is used for writing to the 14-bit configuration register. The configuration
register can be written to during and after conversion.
13
SCK
DI
Serial Data Clock Input. This input is used to clock out the data on ADO and clock in data on DIN
in an MSB first fashion.
14
SDO
DO
Serial Data Output. The conversion result is output on this pin synchronized to SCK. In unipolar
modes, conversion results are straight binary; in bipolar modes, conversion results are twos
complement.
15
VIO
P
Input/Output Interface Digital Power. Nominally at the same supply as the host interface (1.8 V,
2.5 V, 3 V, or 5 V).
16 to 19
IN0 to IN3
AI
Channel 0 through Channel 3 Analog Inputs.
1AI = analog input, AI/O = analog input/output, DI = digital input, DO = digital output, and P = power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com