Electronic Components Datasheet Search
  English  ▼

X  

ADATE304 Datasheet(PDF) 9 Page - Analog Devices

Part # ADATE304
Description  200 MHz Dual Integrated DCL with Level Setting DACs, Per Pin PMU, and Per Chip VHH
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE304 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADATE304 Datasheet HTML 5Page - Analog Devices ADATE304 Datasheet HTML 6Page - Analog Devices ADATE304 Datasheet HTML 7Page - Analog Devices ADATE304 Datasheet HTML 8Page - Analog Devices ADATE304 Datasheet HTML 9Page - Analog Devices ADATE304 Datasheet HTML 10Page - Analog Devices ADATE304 Datasheet HTML 11Page - Analog Devices ADATE304 Datasheet HTML 12Page - Analog Devices ADATE304 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
ADATE304
Rev. 0 | Page 9 of 52
DIFFERENTIAL COMPARATOR
VOH tests done with VOL = −1.1 V, VOL tests done with VOH = +1.1 V, unless otherwise specified.
Table 5.
Parameter
Min
Typ
Max
Unit
Test
Level
Test Conditions/Comments
DC SPECIFICATIONS
Input Voltage Range
−1.25
+4.5
V
D
Operational Differential Voltage
Range
±0.05
±1.1
V
D
Maximum Differential Voltage Range
±8
V
D
Comparator Input Offset Voltage
Accuracy, Uncalibrated
−150
±35
+150
mV
P/CT
Offset measured at differential calibration points +1.0 V
and −1.0 V, with common mode = 0.0 V
VOH, VOL Resolution
0.6
1
mV
PF
After two-point gain/offset calibration; range/number of
DAC bits as measured at differential calibration points
+1.0 V and −1.0 V, with common mode = 0.0 V
VOH, VOL DNL
±1
mV
CT
After two-point gain/offset calibration; common
mode = 0.0 V
VOH, VOL INL
−15
±2.0
+15
mV
P
After two-point gain/offset calibration; measured over VOH,
VOL range of −1.1 V to +1.1 V, common mode = 0.0 V
VOH, VOL Offset Voltage Tempco
±200
μV/°C
CT
Measured at calibration points
Comparator Uncertainty Range
18
mV
CB
VDUTx = 0 V, sweep comparator threshold to determine
uncertainty region
DC Hysteresis
0.5
mV
CB
VDUTx = 0 V
CMRR
0.15
1
mV/V
P
Offset measured at common-mode voltage points of
−1.5 V and +4.5 V, with differential voltage = 0.0 V
DC PSRR
±1.5
mV/V
CT
Measured at calibration points
AC SPECIFICATIONS
Input transition time = 800 ps, 10% to 90%, measured
with each comparator leg terminated 50 Ω to GND
Propagation Delay, Input to Output
1.7
ns
CB
VDUT0 = 0 V, VDUT1 = −0.5 V to +0.5 V swing, Driver VTERM
mode, VT = 0.0 V; high-side measurement: VOH = 0.0 V,
VOL = −1.1 V; low-side measurement: VOH = +1.1 V,
VOL = 0.0 V; repeat for other DUT channel
Propagation Delay Tempco
5
ps/°C
CT
VDUT0 = 0 V, VDUT1 = −0.5 V to +0.5 V swing, Driver VTERM
mode, VT = 0.0 V; high-side measurement: VOH = 0.0 V,
VOL = −1.1 V; low-side measurement: VOH = +1.1 V,
VOL = 0.0 V; repeat for other DUT channel
Propagation Delay Matching
VDUT0 = 0 V, VDUT1 = −0.5 V to +0.5 V swing, Driver VTERM
mode, VT = 0.0 V; high-side measurement: VOH = 0.0 V,
VOL = −1.1 V; low-side measurement: VOH = +1.1 V,
VOL = 0.0 V; repeat for other DUT channel
High Transition to Low Transition
100
ps
CB
High-to-Low Comparator
50
ps
CB
Propagation Delay Change (with
Respect To)
VDUT0 = 0 V, VDUT1 = −0.5 V to +0.5 V swing, Driver VTERM
mode, VT = 0.0 V; high-side measurement: VOH = 0.0 V,
VOL = −1.1 V; low-side measurement: VOH = +1.1 V,
VOL = 0.0 V; repeat for other DUT channel
Slew Rate, 800 ps, 1 ns, 1.2 ns, and
2.2 ns (10% to 90%)
60
ps
CB
VDUT0 = 0 V, VDUT1 = −0.5 V to +0.5 V swing, Driver VTERM
mode, VT = 0.0 V; high-side measurement: VOH = 0.0 V,
VOL = −1.1 V; low-side measurement: VOH = +1.1 V,
VOL = 0.0 V; repeat for other DUT channel
Overdrive, 250 mV and 750 mV
100
ps
CB
VDUT0 = 0 V, for 250 mV: VDUT1 = 0 V to 0.5 V swing; for
750 mV: VDUT1 = 0 V to 1.0 V swing, Driver VTERM mode,
VT = 0.0 V; VOH = −0.25 V; repeat for other DUT channel
with comparator threshold = +0.25 V
Pulse Width, Sweep from 1.6 ns to
10 ns
75
ps
CB
VDUT0 = 0 V, VDUT1 = −0.5 V to +0.5 V swing @ 32 MHz, Driver
VTERM mode, VT = 0.0 V; high-side measurement: VOH =
0.0 V, VOL = −1.1 V; low-side measurement: VOH = +1.1 V,
VOL = 0.0 V; repeat for other DUT channel
Duty Cycle, 5% to 95%
60
ps
CB
VDUT0 = 0 V, VDUT1 = −0.5 V to +0.5 V swing @ 1 MHz, Driver
VTERM mode, VT = 0.0 V; high-side measurement: VOH =
0.0 V, VOL = −1.1 V; low-side measurement: VOH = +1.1 V,
VOL = 0.0 V; repeat for other DUT channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com