Electronic Components Datasheet Search
  English  ▼

X  

ADATE304 Datasheet(PDF) 11 Page - Analog Devices

Part # ADATE304
Description  200 MHz Dual Integrated DCL with Level Setting DACs, Per Pin PMU, and Per Chip VHH
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE304 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADATE304 Datasheet HTML 7Page - Analog Devices ADATE304 Datasheet HTML 8Page - Analog Devices ADATE304 Datasheet HTML 9Page - Analog Devices ADATE304 Datasheet HTML 10Page - Analog Devices ADATE304 Datasheet HTML 11Page - Analog Devices ADATE304 Datasheet HTML 12Page - Analog Devices ADATE304 Datasheet HTML 13Page - Analog Devices ADATE304 Datasheet HTML 14Page - Analog Devices ADATE304 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
ADATE304
Rev. 0 | Page 11 of 52
Parameter
Min
Typ
Max
Unit
Test
Level
Test Conditions/Comments
INL
−80
±20
+80
μA
P
IOL = 0 mA, VCOM = 1.5 V, VDUTx = 3.0 V, after two-point gain/
offset calibration; measured over IOH range of 0 mA to 12 mA
90% Commutation Voltage
0.25
V
P
IOH = IOL =12 mA, VCOM = 2.0 V, measure IOH reference at VDUTx
= 5.0 V, measure IOH current at VDUTx = 2.25 V, ensure > 90% of
reference current
Output Current Tempco
±1.5
μA/°C
CT
Measured at calibration points
AC SPECIFICATIONS
Load active on, unless otherwise noted
Dynamic Performance
Propagation Delay, Load Active
On to Load Active Off;
50%,90%
7.3
ns
CB
Toggle RCV, DUTx terminated 50 Ω to GND, IOH = IOL = 12 mA,
VH = VL = 0 V, VCOM = +1.25 V for IOL and VCOM = −1.25 V for
IOH; measured from 50% point of RCVxP − RCVxN to 90% point of
final output, repeat for drive low and high
Propagation Delay, Load Active
Off to Load Active On;
50%, 90%
10.3
ns
CB
Toggle RCV, DUTx terminated 50 Ω to GND, IOH = IOL = 12 mA,
VH = VL = 0 V, VCOM = +1.25 V for IOL and VCOM = −1.25 V for
IOH; measured from 50% point of RCVxP − RCVxN to 90% point of
final output, repeat for drive low and high
Propagation Delay Matching
3.0
ns
CB
Toggle RCV, DUTx terminated 50 Ω to GND, IOH = IOL = 12 mA,
VH = VL = 0 V, VCOM = +1.25 V for IOL and VCOM = −1.25 V for
IOH; active on vs. active off, repeat for drive low and high
Load Spike
190
mV
CB
Toggle RCV, DUTx terminated 50 Ω to GND, IOH = IOL = 0 mA, VH
= VL = 0 V, VCOM = +1.25 V for IOL and VCOM = −1.25 V for IOH;
repeat for drive low and high
Settling Time to 90%
1.9
ns
CB
Toggle RCV, DUTx terminated 50 Ω to GND, IOH = IOL = 12 mA,
VH = VL = 0 V, VCOM = +1.25 V for IOL and VCOM = −1.25 V for IOH;
measured at 90% of final value
PMU
FV is the force voltage, MV is the measure voltage, FI is the force current, MI is the measure current, FN is force nothing.
Table 7.
Parameter
Min
Typ
Max
Unit
Test
Level
Test Conditions/Comments
FORCE VOLTAGE (FV)
Current Range A
±32
mA
D
Current Range B
±2
mA
D
Current Range C
±200
μA
D
Current Range D
±20
μA
D
Current Range E
±2
μA
D
Force Input Voltage Range at
Output for All Ranges
−1.25
+6.75
V
D
Force Voltage Uncalibrated
Accuracy for Range C
−100
±25
+100
mV
P
PMU enabled, FV, Range C, PE disabled, error measured at
calibration points of 0.0 V and 5.0 V
Force Voltage Uncalibrated
Accuracy for All Ranges
±25
mV
CT
PMU enabled, FV, PE disabled, error measured at calibration
points of 0.0 V and 5.0 V; repeat for each PMU current range
Force Voltage Offset Tempco
for All Ranges
±25
μV/°C
CT
Measured at calibration points for each PMU current range
Force Voltage Gain Tempco
for All Ranges
±10
ppm/°C
CT
Measured at calibration points for each PMU current range
Forced Voltage INL
−7
±2
+7
mV
P
PMU enabled, FV, Range C, PE disabled, after two-point gain/offset
calibration; measured over output range of −1.25 V to +6.75 V
Force Voltage Compliance vs.
Current Load
PMU enabled, FV, PE disabled, force −1.25 V, measure voltage
while PMU sinking zero and full-scale current; measure ∆V;
force 6.75 V, measure voltage while PMU sourcing zero and
full-scale current; measure ∆V; repeat for each PMU current
range
Range A
±4
mV
CT
Range B to Range E
±1
mV
CT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com