Electronic Components Datasheet Search
  English  ▼

X  

ADATE304 Datasheet(PDF) 25 Page - Analog Devices

Part # ADATE304
Description  200 MHz Dual Integrated DCL with Level Setting DACs, Per Pin PMU, and Per Chip VHH
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE304 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADATE304 Datasheet HTML 21Page - Analog Devices ADATE304 Datasheet HTML 22Page - Analog Devices ADATE304 Datasheet HTML 23Page - Analog Devices ADATE304 Datasheet HTML 24Page - Analog Devices ADATE304 Datasheet HTML 25Page - Analog Devices ADATE304 Datasheet HTML 26Page - Analog Devices ADATE304 Datasheet HTML 27Page - Analog Devices ADATE304 Datasheet HTML 28Page - Analog Devices ADATE304 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
ADATE304
Rev. 0 | Page 25 of 52
–20
–40
–60
–80
0
20
12
3
4
5
6
7
8
PULSEWIDTH (ns)
9 10
0.2V NEG
0.2V POS
Figure 15. Driver Minimum Pulse Width; VH = 0.2 V, VL = 0.0 V
–20
–40
–80
–60
0
20
12
3
4
5
6
7
8
PULSEWIDTH (ns)
9 10
0.5V NEG
0.5V POS
Figure 16. Driver Minimum Pulse Width; VH = 0.5 V, VL = 0.0 V
0
–20
–40
–60
–80
–100
20
12
3
4
5
6
7
8
PULSEWIDTH (ns)
9 10
1V NEG
1V POS
Figure 17. Driver Minimum Pulse Width; VH = 1.0 V, VL = 0.0 V
0
–20
–40
–60
–80
–100
20
12
3
4
5
6
7
8
PULSEWIDTH (ns)
9 10
2V POS
2V NEG
Figure 18. Driver Minimum Pulse Width; VH = 2.0 V, VL = 0.0 V
–20
–40
–60
–80
–100
20
0
12
3
4
5
6
7
8
PULSE WIDTH (ns)
9 10
3V NEG
3V POS
Figure 19. Driver Minimum Pulse Width; VH = 3.0 V, VL = 0.0 V
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2
–1
0
1
2
3
4
5
6
7
DRIVER OUTPUT VOLTAGE (V)
Figure 20. Driver VH Linearity Error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com