Electronic Components Datasheet Search
  English  ▼

X  

ADATE304 Datasheet(PDF) 22 Page - Analog Devices

Part # ADATE304
Description  200 MHz Dual Integrated DCL with Level Setting DACs, Per Pin PMU, and Per Chip VHH
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE304 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADATE304 Datasheet HTML 18Page - Analog Devices ADATE304 Datasheet HTML 19Page - Analog Devices ADATE304 Datasheet HTML 20Page - Analog Devices ADATE304 Datasheet HTML 21Page - Analog Devices ADATE304 Datasheet HTML 22Page - Analog Devices ADATE304 Datasheet HTML 23Page - Analog Devices ADATE304 Datasheet HTML 24Page - Analog Devices ADATE304 Datasheet HTML 25Page - Analog Devices ADATE304 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
ADATE304
Rev. 0 | Page 22 of 52
Pin No.
Mnemonic
Description
G9
COMP_QL0N
Low-Side Comparator Output (Negative) Channel 0
G10
COMP_QL0P
Low-Side Comparator Output (Positive) Channel 0
H1
COMP_QH1P
High-Side Comparator Output (Positive) Channel 1
H2
COMP_QH1N
High-Side Comparator Output (Negative) Channel 1
H3
AGND
Analog Ground
H4
VSS
Supply (−5.0 V)
H5
VDD
Supply (+10.75 V)
H6
VDD
Supply (+10.75 V)
H7
VSS
Supply (−5.0 V)
H8
AGND
Analog Ground
H9
COMP_QH0N
High-Side Comparator Output (Negative) Channel 0
H10
COMP_QH0P
High-Side Comparator Output (Positive) Channel 0
J1
AGND
Analog Ground
J2
AGND
Analog Ground
J3
AGND
Analog Ground
J4
DAC16_MON
16-Bit DAC Monitor Mux Output
J5
DGND
Digital Ground
J6
SDIN
Serial Peripheral Interface (SPI) Data In
J7
RST
Serial Peripheral Interface (SPI) Reset
J8
AGND
Analog Ground
J9
AGND
Analog Ground
J10
AGND
Analog Ground
K1
MEASOUT01/TEMPSENSE
Muxed Output Shared by PMU MEASOUT Channel 0, PMU MEASOUT Channel 1/
Temperature Sense and Temperature Sense GND Reference
K2
DUTGND
DUT Ground Reference
K3
AGND
Analog Ground
K4
CS
Serial Peripheral Interface (SPI) Chip Select
K5
SDOUT
Serial Peripheral Interface (SPI) Data Out
K6
SCLK
Serial Peripheral Interface (SPI) Clock
K7
VCC
Supply (+3.3 V)
K8
AGND
Analog Ground
K9
VREF
+5 V DAC Reference Voltage
K10
VREF_GND
DAC Ground Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com