Electronic Components Datasheet Search
  English  ▼

X  

TLV320ADC3101IRGER Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320ADC3101IRGER
Description  Low Power Stereo ADC for Wireless Handsets and Portable Audio
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320ADC3101IRGER Datasheet(HTML) 47 Page - Texas Instruments

Back Button TLV320ADC3101IRGER Datasheet HTML 43Page - Texas Instruments TLV320ADC3101IRGER Datasheet HTML 44Page - Texas Instruments TLV320ADC3101IRGER Datasheet HTML 45Page - Texas Instruments TLV320ADC3101IRGER Datasheet HTML 46Page - Texas Instruments TLV320ADC3101IRGER Datasheet HTML 47Page - Texas Instruments TLV320ADC3101IRGER Datasheet HTML 48Page - Texas Instruments TLV320ADC3101IRGER Datasheet HTML 49Page - Texas Instruments TLV320ADC3101IRGER Datasheet HTML 50Page - Texas Instruments TLV320ADC3101IRGER Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 84 page
background image
TLV320ADC3101
www.ti.com ........................................................................................................................................................................................... SLAS553 – NOVEMBER 2008
Page 0/Registers 23–24: Reserved
Bit
Reset
Values
Description
Value
D7–D0
X
All values
Reserved don't write to these registers.
Page 0/Register 25: CLKOUT MUX
Reset
Values
BIT
DESCRIPTION
Value
D7–D3
0
All values
Reserved don't write any value other than reset value.
D2-D0
0
0
CDIV_CLKIN = MCLK (Device Pin)
1
CDIV_CLKIN = BCLK (Device Pin)
2
Reserved. Do not use.
3
CDIV_CLKIN = PLL_CLK (Generated On-Chip)
4
Reserved. Do not use.
5
Reserved. Do not use.
6
CDIV_CLKIN = ADC_CLK (Generated On-Chip)
7
CDIV_CLKIN = ADC_MOD_CLK (Generated On-Chip)
Page 0/Register 26: CLKOUT M_VAL
Reset
Values
BIT
DESCRIPTION
Value
D7
0
0
CLKOUT M divider is powered down
1
CLKOUT M divider is powered up
D6–D0
1
0
CLKOUT divider M = 128
1
CLKOUT divider M = 1
2
CLKOUT divider M = 2
126
CLKOUT divider M = 126
127
CLKOUT divider M = 127
Page 0/Register 27: ADC Interface Control1
Bit
Reset
Values
Description
Value
D7–D6
0
0
ADC Interface = I2S
1
ADC Interface = DSP
2
ADC interface = RJF
3
ADC interface = LJF
D5–D4
0
0
ADC interface word length = 16 bits
1
ADC interface word length = 20 bits
2
ADC interface word length = 24 bits
3
ADC interface word length = 32 bits
D3
0
0
BCLK is Input
1
BCLK is Output
D2
0
0
WCLK is Input
1
WCLK is Output
D1
0
All values
Reserved don't write any value other than reset value.
D0
0
0
3-stating of DOUT: Disabled
1
3-stating of DOUT: Enabled
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
47
Product Folder Link(s) :TLV320ADC3101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com