Electronic Components Datasheet Search
  English  ▼

X  

TLV320ADC3101IRGER Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320ADC3101IRGER
Description  Low Power Stereo ADC for Wireless Handsets and Portable Audio
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320ADC3101IRGER Datasheet(HTML) 49 Page - Texas Instruments

Back Button TLV320ADC3101IRGER Datasheet HTML 45Page - Texas Instruments TLV320ADC3101IRGER Datasheet HTML 46Page - Texas Instruments TLV320ADC3101IRGER Datasheet HTML 47Page - Texas Instruments TLV320ADC3101IRGER Datasheet HTML 48Page - Texas Instruments TLV320ADC3101IRGER Datasheet HTML 49Page - Texas Instruments TLV320ADC3101IRGER Datasheet HTML 50Page - Texas Instruments TLV320ADC3101IRGER Datasheet HTML 51Page - Texas Instruments TLV320ADC3101IRGER Datasheet HTML 52Page - Texas Instruments TLV320ADC3101IRGER Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 84 page
background image
TLV320ADC3101
www.ti.com ........................................................................................................................................................................................... SLAS553 – NOVEMBER 2008
Page 0/Register 32: CODEC Secondary Interface Control 2
Reset
Values
BIT
DESCRIPTION
Value
D7–D4
0
All values
Reserved don't write any value other than reset value.
D3
0
0
Primary BCLK is used for Audio Interface and Clocking
1
Secondary BCLK is used for Audio Interface and Clocking
D2
0
0
Primary WCLK is used for Audio Interface and Clocking
1
Secondary WCLK is used for Audio Interface and Clocking
D1–D0
0
All values
Reserved don't write any value other than reset value.
Page 0/Register 33: CODEC Secondary Interface Control 3
Reset
Values
BIT
DESCRIPTION
Value
D7
0
0
Primary BCLK Output = Internally generated BCLK Clock
1
Primary BCLK Output = Secondary BCLK
D6
0
0
Secondary BCLK Output = Primary BCLK
1
Secondary BCLK Output = Internally generated BCLK Clock
D5–D4
0
0
Reserved. Do not use.
1
Primary WCLK Output = Internally generated ADC_FS Clock
2
Primary WCLK Output = Secondary WCLK
3
Reserved. Do not use.
D3–D2
0
0
Secondary WCLK Output = Primary WCLK
1
Reserved. Do not use.
2
Secondary WCLK Output = Internally generated ADC_FS Clock
3
Reserved. Do not use.
D2–D0
0
All values
Reserved don't write any value other than reset value.
Page 0/Register 34: I2S Sync
Bit
Reset
Values
Description
Value
D7
0
0
Internal logic is enabled to detect the I2C hang and react accordingly.
1
Internal logic is disabled to detect the I2C hang.
D6(1)
0
0
I2C hang is not detected.
1
I2C hang detected flag. Once set get cleared only after reading this register.
D5
0
0
I2C general call address will be ignored.
1
Device will accept I2C general call address.
D4
0
All values
Reserved don't write any value other than reset value.
D3
0
All values
Reserved don't write any value other than reset value.
D2
0
All values
Reserved don't write any value other than reset value.
D1
0
0
Re-sync logic is Disabled for ADC
1
Re-Sync Stereo ADC with Codec Interface if the group delay changed by more than ±ADCFS/4.
D0
0
0
Re-Sync is done without soft-muting the channel for ADC
1
Re-Sync is done by internally soft-muting the channel for ADC
(1)
Read Only Bits...Writing any value to this will not be used anywhere.
Page 0/Register 35: Reserved
Bit
Reset
Values
Description
Value
D7–D0
X
All values
Reserved don't write to this register.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Link(s) :TLV320ADC3101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com