Electronic Components Datasheet Search
  English  ▼

X  

TLV320ADC3101IRGER Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320ADC3101IRGER
Description  Low Power Stereo ADC for Wireless Handsets and Portable Audio
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320ADC3101IRGER Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV320ADC3101IRGER Datasheet HTML 9Page - Texas Instruments TLV320ADC3101IRGER Datasheet HTML 10Page - Texas Instruments TLV320ADC3101IRGER Datasheet HTML 11Page - Texas Instruments TLV320ADC3101IRGER Datasheet HTML 12Page - Texas Instruments TLV320ADC3101IRGER Datasheet HTML 13Page - Texas Instruments TLV320ADC3101IRGER Datasheet HTML 14Page - Texas Instruments TLV320ADC3101IRGER Datasheet HTML 15Page - Texas Instruments TLV320ADC3101IRGER Datasheet HTML 16Page - Texas Instruments TLV320ADC3101IRGER Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 84 page
background image
MICBIAS=2.0V
MICBIAS=2.5V
MICBIAS=AVDD
1.8
2
2.2
2.4
2.6
2.8
3
3.2
-45
-35
-25
-15
-5
5
15
25
35
45
55
65
75
85
Temp-C
TYPICAL CIRCUIT CONFIGURATION
ADC3101
IN2L(P)
IN1L(P)
MICBIAS1
AVDD
AVSS
DVDD
DVSS
IOVDD
D
IOVDD
(1.1
1.65-1.95V
-3.3V)
A
AVDD
(2.6V-3.6V)
R
P
RP
1 F
m
IOVDD
DBB
A
IN1R(M)
A
IN2R(P)
IN3L(M)
IN3R(M)
MICBIAS2
I2C_ADR0
I2C_ADR1
DMDIN /GPIO 1
DMCLK /GPIO 2
Additional
Stereo
orother
AnalogInputs
Digital
Microphone (s)
D
VDD
GND
DATA
CLK
I2C
ADDRESS
0.1 F
m
1 F
m
0.1 F
m
1 F
m
0.1 F
m
1 F
m
0.01 F
m
1 F
m
1 F
m
1 F
m
2kW
1 F
m
1 F
m
2kW
0.01 F
m
TLV320ADC3101
www.ti.com ........................................................................................................................................................................................... SLAS553 – NOVEMBER 2008
TYPICAL CHARACTERISTICS (continued)
Figure 10. MICBIAS Output Voltage vs Ambient Temperature
Figure 11. Typical Connections
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s) :TLV320ADC3101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com