Electronic Components Datasheet Search
  English  ▼

X  

SSM2319 Datasheet(PDF) 6 Page - Analog Devices

Part # SSM2319
Description  Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2319 Datasheet(HTML) 6 Page - Analog Devices

Back Button SSM2319 Datasheet HTML 2Page - Analog Devices SSM2319 Datasheet HTML 3Page - Analog Devices SSM2319 Datasheet HTML 4Page - Analog Devices SSM2319 Datasheet HTML 5Page - Analog Devices SSM2319 Datasheet HTML 6Page - Analog Devices SSM2319 Datasheet HTML 7Page - Analog Devices SSM2319 Datasheet HTML 8Page - Analog Devices SSM2319 Datasheet HTML 9Page - Analog Devices SSM2319 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
SSM2319
Rev. 0 | Page 6 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
SSM2319
TOP VIEW
BALL SIDE DOWN
(Not to Scale)
BALL A1
CORNER
A
3
2
1
B
C
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1A
IN−
Inverting Input.
1B
IN+
Noninverting Input.
1C
GND
Ground.
2A
SD
Shutdown Input. Active low digital input.
2B
SYNCI
SYNC Input.
2C
VDD
Power Supply.
3A
SYNCO
SYNC Output.
3B
OUT−
Inverting Output.
3C
OUT+
Noninverting Output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com