Electronic Components Datasheet Search
  English  ▼

X  

SSM2319 Datasheet(PDF) 11 Page - Analog Devices

Part # SSM2319
Description  Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2319 Datasheet(HTML) 11 Page - Analog Devices

Back Button SSM2319 Datasheet HTML 7Page - Analog Devices SSM2319 Datasheet HTML 8Page - Analog Devices SSM2319 Datasheet HTML 9Page - Analog Devices SSM2319 Datasheet HTML 10Page - Analog Devices SSM2319 Datasheet HTML 11Page - Analog Devices SSM2319 Datasheet HTML 12Page - Analog Devices SSM2319 Datasheet HTML 13Page - Analog Devices SSM2319 Datasheet HTML 14Page - Analog Devices SSM2319 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
SSM2319
Rev. 0 | Page 11 of 20
0
100
200
300
400
500
600
700
900
800
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
OUTPUT POWER (W)
VDD = 5V
VDD = 2.5V
VDD = 3.6V
RL = 3Ω + 33µH
–10 –5 0 5 10 15 20 25 30 35 40 45 50 55 60 65 70 75 80 85 90
OUTPUT
–2
–1
0
1
2
3
4
5
6
7
TIME (ms)
SD INPUT
Figure 27. Supply Current vs. Output Power into RL = 3 Ω + 33 μH
Figure 30. Turn-On Response
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
100
1k
10k
100k
FREQUENCY (Hz)
–2
–1
0
1
2
3
4
5
6
7
–100
–80
–60
–40
–20
0
20
40
60
80
100
TIME (µs)
OUTPUT
SD INPUT
Figure 28. Power Supply Rejection Ratio (PSRR) vs. Frequency
Figure 31. Turn-Off Response
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
100
1k
10k
100k
FREQUENCY (Hz)
Figure 29. Common-Mode Rejection Ratio (CMRR) vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com