Electronic Components Datasheet Search
  English  ▼

X  

SSM2319 Datasheet(PDF) 1 Page - Analog Devices

Part # SSM2319
Description  Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2319 Datasheet(HTML) 1 Page - Analog Devices

  SSM2319 Datasheet HTML 1Page - Analog Devices SSM2319 Datasheet HTML 2Page - Analog Devices SSM2319 Datasheet HTML 3Page - Analog Devices SSM2319 Datasheet HTML 4Page - Analog Devices SSM2319 Datasheet HTML 5Page - Analog Devices SSM2319 Datasheet HTML 6Page - Analog Devices SSM2319 Datasheet HTML 7Page - Analog Devices SSM2319 Datasheet HTML 8Page - Analog Devices SSM2319 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Filterless, High Efficiency,
Mono 3 W Class-D Audio Amplifier
SSM2319
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
Filterless Class-D amplifier with ultraefficient spread-
spectrum Σ-Δ modulation
Internal modulator synchronization (SYNC)
3 W into 3 Ω load and 1.4 W into 8 Ω load at 5.0 V supply
with <1% total harmonic distortion (THD)
90% efficiency at 5.0 V, 1.4 W into 8 Ω speaker
Signal-to-noise ratio (SNR): 98 dB
Single-supply operation: 2.5 V to 5.5 V
Ultralow shutdown current: 20 nA
Short-circuit and thermal protection with autorecovery
Available in 9-ball, 1.5 mm × 1.5 mm WLCSP
Pop-and-click suppression
Built-in resistors reduce board component count
Default fixed 12 dB or user-adjustable gain setting
APPLICATIONS
Mobile phones
MP3 players
Portable gaming
Portable electronics
Educational toys
GENERAL DESCRIPTION
The SSM2319 is a fully integrated, high efficiency Class-D
audio amplifier. It is designed to maximize performance for
mobile phone applications. The application circuit requires a
minimum of external components and operates from a single
2.5 V to 5.5 V supply. It is capable of delivering 3 W of continuous
output power with <1% THD + N driving a 3 Ω load from a
5.0 V supply.
The SSM2319 features a high efficiency, low noise modulation
scheme that does not require any external LC output filters. The
modulation continues to provide high efficiency even at low output
power. It operates with 90% efficiency at 1.4 W into 8 Ω or 85%
efficiency at 3 W into 3 Ω from a 5.0 V supply and has an SNR
of 98 dB. Spread-spectrum pulse density modulation is used to
provide lower EMI-radiated emissions compared with other
Class-D architectures.
SYNC can be activated in the event that end users are concerned
about clock intermodulation (beating effect) of several amplifiers in
close proximity.
The SSM2319 has a micropower shutdown mode with a typical
shutdown current of 20 nA. Shutdown is enabled by applying a
logic low to the SD pin.
The device also includes pop-and-click suppression circuitry.
This minimizes voltage glitches at the output during turn-on and
turn-off, reducing audible noise on activation and deactivation.
The default gain of the SSM2319 is 12 dB, but users can reduce
the gain by using a pair of external resistors (see the Gain section).
The SSM2319 is specified over the industrial temperature range
of −40°C to +85°C. It has built-in thermal shutdown and output
short-circuit protection. It is available in a 9-ball, 1.5 mm × 1.5 mm
wafer level chip scale package (WLCSP).
FUNCTIONAL BLOCK DIAGRAM
SHUTDOWN
0.1µF
VDD
POP/CLICK
SUPPRESSION
OUT+
OUT–
IN–
VBATT
2.5V TO 5.5V
IN+
MODULATOR
(Σ-Δ)
GND
SYNC OUTPUT
10µF
0.1µF*
*INPUT CAPACITORS ARE OPTIONAL IF INPUT DC COMMON-MODE
VOLTAGE IS APPROXIMATELY VDD/2.
0.1µF*
SD
AUDIO IN+
AUDIO IN–
SSM2319
40kΩ
160kΩ
160kΩ
40kΩ
FET
DRIVER
BIAS
INTERNAL
OSCILLATOR
SYNCI
SYNCO
SYNC INPUT
SYNC
Figure 1.


Similar Part No. - SSM2319

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSM2310 SECOS-SSM2310 Datasheet
896Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
logo
Silicon Standard Corp.
SSM2310GN SSC-SSM2310GN Datasheet
505Kb / 5P
N-channel Enhancement-mode Power MOSFET
logo
VBsemi Electronics Co.,...
SSM2310GN VBSEMI-SSM2310GN Datasheet
517Kb / 9P
N-Channel 60-V (D-S) MOSFET
logo
Analog Devices
SSM2311 AD-SSM2311 Datasheet
515Kb / 20P
Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
1/08-Revision 0
SSM2311-EVALZ AD-SSM2311-EVALZ Datasheet
515Kb / 20P
Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
1/08-Revision 0
More results

Similar Description - SSM2319

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SSM2301 TI-SSM2301 Datasheet
366Kb / 19P
Filterless High Efficiency Mono 1.4 W Class-D Audio Amplifier
logo
Analog Devices
SSM2311 AD-SSM2311 Datasheet
515Kb / 20P
Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
1/08-Revision 0
SSM2305 AD-SSM2305 Datasheet
455Kb / 16P
Filterless High Efficiency Mono 2.8 W Class-D Audio Amplifier
REV. 0
SSM2317 AD-SSM2317 Datasheet
764Kb / 20P
Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
REV. A
SSM2335 AD-SSM2335 Datasheet
583Kb / 16P
Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. 0
SSM2375 AD-SSM2375 Datasheet
1Mb / 13P
Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
Rev. PrC
SSM2315CBZ-REEL AD-SSM2315CBZ-REEL Datasheet
440Kb / 16P
Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. A
SSM2315CBZ-REEL AD-SSM2315CBZ-REEL Datasheet
440Kb / 16P
Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. A
SSM2301 AD-SSM2301_15 Datasheet
431Kb / 16P
Filterless High Efficiency Mono 1.4 W Class-D Audio Amplifier
REV. A
SSM2305 AD-SSM2305_16 Datasheet
902Kb / 16P
Filterless, High Efficiency, Mono 2.8 W, Class-D Audio Amplifier
5/2016-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com