Electronic Components Datasheet Search
  English  ▼

X  

SSM2319 Datasheet(PDF) 9 Page - Analog Devices

Part # SSM2319
Description  Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2319 Datasheet(HTML) 9 Page - Analog Devices

Back Button SSM2319 Datasheet HTML 5Page - Analog Devices SSM2319 Datasheet HTML 6Page - Analog Devices SSM2319 Datasheet HTML 7Page - Analog Devices SSM2319 Datasheet HTML 8Page - Analog Devices SSM2319 Datasheet HTML 9Page - Analog Devices SSM2319 Datasheet HTML 10Page - Analog Devices SSM2319 Datasheet HTML 11Page - Analog Devices SSM2319 Datasheet HTML 12Page - Analog Devices SSM2319 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
SSM2319
Rev. 0 | Page 9 of 20
NO LOAD
2.3
2.5
2.7
2.9
3.1
3.3
3.5
3.7
2.5
3.0
3.5
4.0
4.5
5.0
5.5
SUPPLY VOLTAGE (V)
RL = 8Ω + 33µH
RL = 3Ω + 33µH
RL = 4Ω + 33µH
Figure 15. Supply Current vs. Supply Voltage
2.5
3.0
3.5
4.0
4.5
5.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
10%
1%
RL = 3Ω + 33µH
GAIN = 12dB
f = 1kHz
SUPPLY VOLTAGE (V)
DO NOT EXCEED 3W
CONTINUOUS OUTPUT POWER
Figure 16. Maximum Output Power vs. Supply Voltage,
RL = 3 Ω + 33 μH, Gain = 12 dB
2.53.03.54.04.55.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
10%
1%
RL = 4Ω + 33µH
GAIN = 12dB
f = 1kHz
DO NOT EXCEED 3W
CONTINUOUS OUTPUT POWER
SUPPLY VOLTAGE (V)
Figure 17. Maximum Output Power vs. Supply Voltage,
RL = 4 Ω + 33 μH, Gain = 12 dB
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.53.0
3.54.04.55.0
10%
1%
RL = 8Ω + 33µH
GAIN = 12dB
f = 1kHz
SUPPLY VOLTAGE (V)
Figure 18. Maximum Output Power vs. Supply Voltage,
RL = 8 Ω + 33 μH, Gain = 12 dB
0
10
20
30
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
VDD = 5V
RL = 8Ω + 33µH
OUTPUT POWER (W)
VDD = 3.6V
VDD = 2.5V
Figure 19. Efficiency vs. Output Power into RL = 8 Ω + 33 μH
0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0
0
10
20
30
40
50
60
70
80
90
100
VDD = 5V
RL = 4Ω + 33µH
OUTPUT POWER (W)
VDD = 3.6V
VDD = 2.5V
Figure 20. Efficiency vs. Output Power into RL = 4 Ω + 33 μH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com