Electronic Components Datasheet Search
  English  ▼

X  

DS1875 Datasheet(PDF) 75 Page - Maxim Integrated Products

Part # DS1875
Description  PON Triplexer and SFP Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1875 Datasheet(HTML) 75 Page - Maxim Integrated Products

Back Button DS1875 Datasheet HTML 71Page - Maxim Integrated Products DS1875 Datasheet HTML 72Page - Maxim Integrated Products DS1875 Datasheet HTML 73Page - Maxim Integrated Products DS1875 Datasheet HTML 74Page - Maxim Integrated Products DS1875 Datasheet HTML 75Page - Maxim Integrated Products DS1875 Datasheet HTML 76Page - Maxim Integrated Products DS1875 Datasheet HTML 77Page - Maxim Integrated Products DS1875 Datasheet HTML 78Page - Maxim Integrated Products DS1875 Datasheet HTML 79Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 92 page
background image
Table 02h, Register B9h: FETG ENABLE0
FACTORY DEFAULT
00h
READ ACCESS
PW2
WRITE ACCESS
PW2
MEMORY TYPE
Nonvolatile (SEE)
B9h
TXP HI EN
TXP LO EN
BIAS HI EN
BIAS MAX
EN
RESERVED
RESERVED
RESERVED
RESERVED
BIT 7
BIT 0
Configures the maskable interrupt for the FETG pin.
BIT 7
TXP HI EN: Enables/disables active interrupts on the FETG pin due to TXP fast comparisons above the
threshold limit.
0 = Disable (Default)
1 = Enable
BIT 6
TXP LO EN: Enables/disables active interrupts on the FETG pin due to TXP fast comparisons below the
threshold limit.
0 = Disable (Default)
1 = Enable
BIT 5
BIAS HI EN: Enables/disables active interrupts on the FETG pin due to BIAS fast comparisons above
the threshold limit.
0 = Disable. (Default)
1 = Enable
BIT 4
BIAS MAX EN: Enables/disables active interrupts on the FETG pin due to BIAS fast comparison s
below the threshold limit.
0 = Disable (Default)
1 = Enable
BITS 3:0
RESERVED (Default = 0)
PON Triplexer and SFP Controller
______________________________________________________________________________________
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com