Electronic Components Datasheet Search
  English  ▼

X  

DS1875 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # DS1875
Description  PON Triplexer and SFP Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1875 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button DS1875 Datasheet HTML 17Page - Maxim Integrated Products DS1875 Datasheet HTML 18Page - Maxim Integrated Products DS1875 Datasheet HTML 19Page - Maxim Integrated Products DS1875 Datasheet HTML 20Page - Maxim Integrated Products DS1875 Datasheet HTML 21Page - Maxim Integrated Products DS1875 Datasheet HTML 22Page - Maxim Integrated Products DS1875 Datasheet HTML 23Page - Maxim Integrated Products DS1875 Datasheet HTML 24Page - Maxim Integrated Products DS1875 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 92 page
background image
Right-Shifting ADC Result
If the weighting of the ADC digital reading must con-
form to a predetermined full-scale value defined by a
standard’s specification, then right-shifting can be used
to adjust the predetermined full-scale analog measure-
ment range while maintaining the weighting of the ADC
results. The DS1875’s range is wide enough to cover all
requirements; when the maximum input value is
≤ 1/2
the FS value, right-shifting can be used to obtain
greater accuracy. For instance, the maximum voltage
might be 1/8th the specified predetermined full-scale
value, so only 1/8th the converter’s range is used. An
alternative is to calibrate the ADC’s full-scale range to
1/8th the readable predetermined full-scale value and
use a right-shift value of 3. With this implementation, the
resolution of the measurement is increased by a factor
of 8, and because the result is digitally divided by 8 by
right-shifting, the bit weight of the measurement still
meets the standard’s specification (i.e., SFF-8472).
The right-shift operation on the ADC result is carried out
based on the contents of RIGHT SHIFT1/0 registers
(Table 02h, Registers 8Eh–8Fh). Four analog channels,
MON1–MON4, have 3 bits each allocated to set the
number of right-shifts. Up to seven right-shift operations
are allowed and are executed as a part of every con-
version before the results are compared to the high and
low alarm levels, or loaded into their corresponding
measurement registers (Table 01h, Registers
62h–6Bh). This is true during the setup of internal cali-
bration as well as during subsequent data conversions.
Transmit Fault (TX-F) Output
The TX-F output has masking registers for the ADC
alarms and the QT alarms to select which comparisons
cause it to assert. In addition, the FETG alarm is selec-
table through the TX-F mask to cause TX-F to assert. All
alarms, with the exception of FETG, only cause TX-F to
remain active while the alarm condition persists.
However, the TX-F latch bit can enable the TX-F output
to remain active until it is cleared by the TX-F reset bit,
TX-D, SOFT TX-D, or by power cycling the part. If the
FETG output is configured to trigger TX-F, it indicates
that the DS1875 is in shutdown and requires TX-D,
SOFT TX-D, or cycling power to reset. Only enabled
alarms activate TX-F (see Figure 7). Table 4 shows
TX-F as a function of TX-D and the alarm sources.
Table 4. TX-F as a Function of TX-D and
Alarm Sources
VCC > VPOA
TX-D
NONMASKED
TX-F ALARM
TX-F
No
X
X
1
Yes
0
0
0
Yes
0
1
1
Yes
1
X
0
TX-F LATCHED OPERATION
TX-F NONLATCHED OPERATION
DETECTION OF
TX-F FAULT
TX-D OR
TX-F RESET
TX-F
DETECTION OF
TX-F FAULT
TX-F
Figure 7. TX-F Timing
PON Triplexer and SFP Controller
______________________________________________________________________________________
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com