Electronic Components Datasheet Search
  English  ▼

X  

DS1875 Datasheet(PDF) 39 Page - Maxim Integrated Products

Part # DS1875
Description  PON Triplexer and SFP Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1875 Datasheet(HTML) 39 Page - Maxim Integrated Products

Back Button DS1875 Datasheet HTML 35Page - Maxim Integrated Products DS1875 Datasheet HTML 36Page - Maxim Integrated Products DS1875 Datasheet HTML 37Page - Maxim Integrated Products DS1875 Datasheet HTML 38Page - Maxim Integrated Products DS1875 Datasheet HTML 39Page - Maxim Integrated Products DS1875 Datasheet HTML 40Page - Maxim Integrated Products DS1875 Datasheet HTML 41Page - Maxim Integrated Products DS1875 Datasheet HTML 42Page - Maxim Integrated Products DS1875 Datasheet HTML 43Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 92 page
background image
TABLE 06h (M4DAC LUT)
WORD 0
WORD 1
WORD 2
WORD 3
ROW
(HEX)
ROW
NAME
BYTE 0/8
BYTE 1/9
BYTE 2/A
BYTE 3/B
BYTE 4/C
BYTE 5/D
BYTE 6/E
BYTE 7/F
80
<8>LUT6
M4DAC
M4DAC
M4DAC
M4DAC
M4DAC
M4DAC
M4DAC
M4DAC
88
<8>LUT6
M4DAC
M4DAC
M4DAC
M4DAC
M4DAC
M4DAC
M4DAC
M4DAC
90
<8>LUT6
M4DAC
M4DAC
M4DAC
M4DAC
M4DAC
M4DAC
M4DAC
M4DAC
98
<8>LUT6
M4DAC
M4DAC
M4DAC
M4DAC
M4DAC
M4DAC
M4DAC
M4DAC
ACCESS
CODE
<0>
<1>
<2>
<3>
<4>
<5>
<6>
<7>
<8>
<9>
<10>
<11>
Read
Access
All
All
All
PW2
All
N/A
PW1
PW2
N/A
PW2
All
Write
Access
See each
bit/byte
separately
PW2
N/A
All and
DS1875
hardware
PW2 +
mode
bit
All
All
PW1
PW2
PW2
N/A
PW1
TABLE 07h (PWM REFERENCE LUT)
WORD 0
WORD 1
WORD 2
WORD 3
ROW
(HEX)
ROW
NAME
BYTE 0/8
BYTE 1/9
BYTE 2/A
BYTE 3/B
BYTE 4/C
BYTE 5/D
BYTE 6/E
BYTE 7/F
80
<8>LUT7
PWM REF
PWM REF
PWM REF
PWM REF
PWM REF
PWM REF
PWM REF
PWM REF
88
<8>LUT7
PWM REF
PWM REF
PWM REF
PWM REF
PWM REF
PWM REF
PWM REF
PWM REF
90
<8>LUT7
PWM REF
PWM REF
PWM REF
PWM REF
PWM REF
PWM REF
PWM REF
PWM REF
98
<8>LUT7
PWM REF
PWM REF
PWM REF
PWM REF
PWM REF
PWM REF
PWM REF
PWM REF
A0
<8>LUT7
PWM REF
PWM REF
PWM REF
PWM REF
RESERVED
RESERVED
RESERVED
RESERVED
Table 07h Register Map
ACCESS
CODE
<0>
<1>
<2>
<3>
<4>
<5>
<6>
<7>
<8>
<9>
<10>
<11>
Read
Access
All
All
All
PW2
All
N/A
PW1
PW2
N/A
PW2
All
Write
Access
See each
bit/byte
separately
PW2
N/A
All and
DS1875
hardware
PW2 +
mode
bit
All
All
PW1
PW2
PW2
N/A
PW1
Table 06h Register Map
PON Triplexer and SFP Controller
______________________________________________________________________________________
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com