Electronic Components Datasheet Search
  English  ▼

X  

DS1875 Datasheet(PDF) 49 Page - Maxim Integrated Products

Part # DS1875
Description  PON Triplexer and SFP Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1875 Datasheet(HTML) 49 Page - Maxim Integrated Products

Back Button DS1875 Datasheet HTML 45Page - Maxim Integrated Products DS1875 Datasheet HTML 46Page - Maxim Integrated Products DS1875 Datasheet HTML 47Page - Maxim Integrated Products DS1875 Datasheet HTML 48Page - Maxim Integrated Products DS1875 Datasheet HTML 49Page - Maxim Integrated Products DS1875 Datasheet HTML 50Page - Maxim Integrated Products DS1875 Datasheet HTML 51Page - Maxim Integrated Products DS1875 Datasheet HTML 52Page - Maxim Integrated Products DS1875 Datasheet HTML 53Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 92 page
background image
POWER-ON VALUE
10h
READ ACCESS
All
WRITE ACCESS
N/A
MEMORY TYPE
Volatile
70h
TEMP HI
TEMP LO
VCC HI
VCC LO
MON1 HI
MON1 LO
MON2 HI
MON2 LO
BIT 7
BIT 0
BIT 7
TEMP HI: High alarm status for temperature measurement.
0 = (Default) Last measurement was equal to or below threshold setting.
1 = Last measurement was above threshold setting.
BIT 6
TEMP LO: Low alarm status for temperature measurement.
0 = (Default) Last measurement was equal to or above threshold setting.
1 = Last measurement was below threshold setting.
BIT 5
VCC HI: High alarm status for VCC measurement.
0 = (Default) Last measurement was equal to or below threshold setting.
1 = Last measurement was above threshold setting.
BIT 4
VCC LO: Low alarm status for VCC measurement. This bit is set when the VCC supply is below the POA
trip point value. It clears itself when a VCC measurement is completed and the value is above the low
threshold.
0 = Last measurement was equal to or above threshold setting.
1 = (Default) Last measurement was below threshold setting.
BIT 3
MON1 HI: High alarm status for MON1 measurement.
0 = (Default) Last measurement was equal to or below threshold setting.
1 = Last measurement was above threshold setting.
BIT 2
MON1 LO: Low alarm status for MON1 measurement.
0 = (Default) Last measurement was equal to or above threshold setting.
1 = Last measurement was below threshold setting.
BIT 1
MON2 HI: High alarm status for MON2 measurement.
0 = (Default) Last measurement was equal to or below threshold setting.
1 = Last measurement was above threshold setting.
BIT 0
MON2 LO: Low alarm status for MON2 measurement.
0 = (Default) Last measurement was equal to or above threshold setting.
1 = Last measurement was below threshold setting.
Lower Memory, Register 70h: ALARM3
PON Triplexer and SFP Controller
______________________________________________________________________________________
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com