Electronic Components Datasheet Search
  English  ▼

X  

TS68230P Datasheet(PDF) 11 Page - STMicroelectronics

Part # TS68230P
Description  HMOS PARALLEL INTERFACE/TIMER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS68230P Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TS68230P Datasheet HTML 7Page - STMicroelectronics TS68230P Datasheet HTML 8Page - STMicroelectronics TS68230P Datasheet HTML 9Page - STMicroelectronics TS68230P Datasheet HTML 10Page - STMicroelectronics TS68230P Datasheet HTML 11Page - STMicroelectronics TS68230P Datasheet HTML 12Page - STMicroelectronics TS68230P Datasheet HTML 13Page - STMicroelectronics TS68230P Datasheet HTML 14Page - STMicroelectronics TS68230P Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 61 page
background image
1.4. BUS INTERFACE OPERATION
The PI/T has an asynchronous bus interface prima-
rily designed for use with an TS68000 microproces-
sor. With care, however, it can be connected to syn-
chronous microprocessor buses. This section
completely describes the PI/T’s bus interface, and is
intended for the asynchronous bus designer unless
otherwise mentioned.
In an asynchronous system the PI/T clock may ope-
rate at a significantly different frequency, either hi-
gher or lower, than the bus master and other system
components, as long as all bus specifications are
met. The TS68230 CLK pin has the same specifica-
tions as the TS68000 CLK pin, and must not be ga-
ted off at any time.
The following signals generate normal read and
write cycles to the PI/T : CS (chip select), R/W
(read/write), RS1-RS5(five register select bits), D0-
D7 (the 8-bit bidirectional data bus), and DTACK
(data transfer acknowledge). To generate interrupt
acknowledge cycles, PC6/PIACK or PC7/TIACK is
used instead of CS, and the register select pins are
ignored. No combination of the following pin func-
tions may be asserted simultaneously : CS, PIACK,
or TIACK.
1.4.1. READ CYCLES. This category includes all re-
gister reads, except port or timer interrupt acknow-
ledge cycles. When CS is asserted, the register se-
lect and R/W inputs are latched internally. They
must meet small setup and hold time requirements
with respect to the asserted edge of CS. (Refer to
6.6 AC Electrical Specifications for further infor-
mation). The PI/T is not protected against aborted
(shortened) bus cycles generated by an address er-
ror or bus error exception in which it is addressed.
Certain operations triggered by normal read (or
write) bus cycles are not complete within the time al-
lotted to the bus cycle. One example is transfers
to/from the double-buffered latches that occur as a
result of the bus cycle. If the bus master’s clock is
significan-tly faster than the PI/T’s the possibility
exists that, following the bus cycle, CS can be ne-
gated then re-asserted before completion of these
internal operations. In this situation the PI/T does not
recognize the re-assertion of CS until these opera-
tions are complete. Only at that time does it begin
the internal sequencing necessary to react to the as-
serted CS. Since CS also controls the DTACK re-
sponse, this "bus cycle recovery time" can be rela-
ted to the clock edge on which DTACK is asserted
for that cycle. The PI/T will recognize the sub-
sequent assertion of CS three clock periods after the
clock edge on which DTACK was previously asser-
ted.
The register select and R/W inputs pass through an
internal latch that is transparent when the PI/T can
recognize a new CS pulse (see above paragraph).
Since the internal data bus of the PI/T is conti-
nuously engaged for read transfers, the read access
time (to the data bus buffers) begins when the regis-
ter selects are stabilized internally. Also, when the
PI/T is ready to begin a new bus cycle, the assertion
of CS enables the data bus buffers within a short
propagation delay. This does not contribute to the o-
verall read access time unless CS is asserted signi-
ficantly after the register select and R/W inputs are
stabilized (as may occur with synchronous bus
microprocessors).
In addition to the chip select’s previously mentioned
duties, it controls the assertion of DTACK and lat-
ching of read data at the data bus interface. Except
for controlling input latches and enabling the data
bus buffers, all of these functions occur only after CS
has been recognized internally and synchronized
with the internal clock. Chip select is recognized on
the falling edge of the clock if the setup time is met
; DTACK is asserted (low) on the next falling edge
of the clock. Read data is latched at the PI/T’s data
bus interface at the same time DTACK is asserted.
It is stable as long as chip select remains asserted
independent of other external conditions.
From the above discussion it is clear that if the chip
select setup time prior to the falling edge of the clock
is met, the PI/T can consistently respond to a new
read or write bus cycle every four clock cycles. This
fact is especially useful in designing the PI/T’s clock
in synchronous bus systems not using DTACK. (An
extra clock period is required in interrupt acknow-
ledge cycles, see 1.4.2 Interrupt Acknowledge
Cycles).
In asynchronous bus systems in which the PI/T’s
clock differs from that of the bus master, generally
there is no way to guarantee that the chip select se-
tup time with respect to the PI/T clock is met. Thus,
the only way to determine that the PI/T recognized
the assertion of CS is to wait for the assertion of
DTACK. In this situation, all latched bus inputs to the
PI/T must be held stable until DTACK is asserted.
These include register select, R/W, and write data
inputs (see below).
System specifications impose a maximum delay
from the trailing (negated) edge of CS to the negated
edge of DTACK. As system speeds increase this be-
comes more difficult to meet with a simple pullup re-
sistor tied to the DTACK line. Therefore, the PI/T
provides an internal active pullup device to reduce
the rise time, and a level-sensitive circuit that later
turns this device off. DTACK is negated asynchro-
nously as fast as possible following the rising edge
TS68230
11/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com