Electronic Components Datasheet Search
  English  ▼

X  

TS68230P Datasheet(PDF) 56 Page - STMicroelectronics

Part # TS68230P
Description  HMOS PARALLEL INTERFACE/TIMER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS68230P Datasheet(HTML) 56 Page - STMicroelectronics

Back Button TS68230P Datasheet HTML 52Page - STMicroelectronics TS68230P Datasheet HTML 53Page - STMicroelectronics TS68230P Datasheet HTML 54Page - STMicroelectronics TS68230P Datasheet HTML 55Page - STMicroelectronics TS68230P Datasheet HTML 56Page - STMicroelectronics TS68230P Datasheet HTML 57Page - STMicroelectronics TS68230P Datasheet HTML 58Page - STMicroelectronics TS68230P Datasheet HTML 59Page - STMicroelectronics TS68230P Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 61 page
background image
6.6. AC ELECTRICAL SPECIFICATIONS
(VCC = 5.0Vdc ± 5%, VSS = 0Vdc, TA =TL to TH unless otherwise noted)
Iack Timings (figure 6.6)
8MHz
10MHz
Number
Parameter
Min.
Max.
Min.
Max.
Unit
8CS or PIACK or TIACK High to Data Out Invalid (hold time)
0
0
ns
9CS or PIACK or TIACK High to D0-D7 High Impedance
50
45
ns
10
CS or PIACK or TIACK High to DTACK High
50
45
ns
11
CS or PIACK or TIACK High to DTACK High Impedance
100
55
ns
29
CLK Low to Data Output Valid, Interrupt Acknowledge Cycle
120
100
ns
31
PIACK or TIACK Low to CLK Low (setup time)
50
40
ns
34
CLK Low to DTACK Low Interrupt Acknowledge Cycle (delay time)
100
100
ns
Figure 6.6 : IACK Timing Diagram.
Notes : 1. This specification assures recognition of the asserted edge of H1(H3).
TS68230
56/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com