Electronic Components Datasheet Search
  English  ▼

X  

TS68230P Datasheet(PDF) 50 Page - STMicroelectronics

Part # TS68230P
Description  HMOS PARALLEL INTERFACE/TIMER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS68230P Datasheet(HTML) 50 Page - STMicroelectronics

Back Button TS68230P Datasheet HTML 46Page - STMicroelectronics TS68230P Datasheet HTML 47Page - STMicroelectronics TS68230P Datasheet HTML 48Page - STMicroelectronics TS68230P Datasheet HTML 49Page - STMicroelectronics TS68230P Datasheet HTML 50Page - STMicroelectronics TS68230P Datasheet HTML 51Page - STMicroelectronics TS68230P Datasheet HTML 52Page - STMicroelectronics TS68230P Datasheet HTML 53Page - STMicroelectronics TS68230P Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 61 page
background image
6.6. AC ELECTRICAL SPECIFICATIONS
(VCC = 5.0Vdc ± 5%, VSS = 0Vdc, TA =TL to TH unless otherwise specified)
Read and Write Cycle Timings (figures 6.2 and 6.3)
8MHz
10MHz
Number
Parameter
Min.
Max.
Min.
Max.
Unit
1R/W, RS1-RS5 Valid to CS Low (setup time)
0
0
ns
2
(1 )
CS Low to R/W and RS1-RS5 Invalid (hold time)
100
65
ns
3
(2 )
CS Low to CLK Low (setup time)
30
20
ns
4
(3 )
CS Low to Data Out Valid
75
60
ns
5
RS1-RS5 Valid to Data Out Valid
140
100
ns
6
CLK Low to DTACK Low (read/write cycle)
0
70
0
60
ns
7
(4 )
DTACK Low to CS High (hold time)
0
0
ns
8CS or PIACK or TIACK High to Data Out Invalid (hold time)
0
0
ns
9CS or PIACK or TIACK High to D0-D7 High Impedance
50
45
ns
10
CS or PIACK or TIACK High to DTACK High
50
45
ns
11
CS or PIACK or TIACK High to DTACK High Impedance
100
55
ns
12
Data In Valid to CS Low (setup time)
0
0
ns
13
CS Low to Data in Invalid (hold time)
100
65
ns
23
CLK low on which DMAREQ is asserted to CLK low on
which DMAREQ is negated
2.5
3
2.5
3
CLK Per
28
Read Data Valid to DTACK Low (setup time)
0
0
ns
32
(5 )
Synchronized CS to CLK low on which DMAREQ is asserted
3333
CLK Per
35
CLK Low to DMAREQ Low (delay time)
0
120
0
100
ns
36
CLK Low to DMAREQ High (delay time)
0
120
0
100
ns
37
(5 )
Synchronized H1(H3) to CLK low on which PIRQ is asserted
3333
CLK Per
38
(5 )
Synchronized CS to CLK low on which PIRQ is high impedance
3333
CLK Per
39
CLK Low to PIRQ Low or High Impedance
0
250
0
225
ns
40
(6 )
TIN Frequency (external clock) - Prescaler used.
0101
fclk
(Hz)
(7 )
41
TIN Frequency (external clock) - Prescaler not used.
0
1/8
0
1/8
fclk
(Hz)
(7 )
42
TIN Pulse Width High or Low (external clock)
55
45
ns
43
TIN Pulse Width Low (run/halt control)
1
1
CLK Per
44
CLK Low to TOUT High, Low, or High Impedance
0
250
0
225
ns
45
CS, PIACK, or TIACK High to CS, PIACK, or TIACK Low
50
30
ns
by solving equations (1) and (2) iteratively for any value of TA.
Notes : 1. See 1.4. Bus Interface Operation for exception.
2. This specification only applies if the PI/T had completed all operations initiated by the previous bus cycle when CS
was asserted. Following a normal read or write bus cycle, all operations are complete within three clocks after the
falling edge of the CLK pin on which DTACK was asserted. If CS is asserted prior to completion of these opera-
tions, the new bus cycle, and hence, DTACK is
postponed.
If all operations of the previous bus cycle were complete when CS was asserted, this specification is made only to
insure that DTACK is asserted with respect to the falling edge of the CLK pin as shown in the timing diagram, not
to guarantee operation of the part. If the CS setup time is violated, DTACK may be asserted as shown, or may be
asserted one clock cycle later.
3. Assuming the RS1-RS5 to data valid time has also expired.
4. This specification imposes a lower bound on CS low time, guaranteeing that CS will be low for at least 1 CLK pe-
riod.
5. Synchronized means that the input signal has seen seen by the PI/T on the appropriate edge of the clock (rising
edge for H1(H3) and falling edge for CS). (Refer to the 1.4. Bus Interface Operation for the exception concerning
CS).
6. This limit applies to the frequency of the signal at TIN compared to the frequency of the CLK signal during each
clock cycle. If any period of the waveform at TIN is smaller than the period of the CLK signal at that instant, then
it is likely that the timer circuit will completely ignore one cycle of the TIN signal.
If these two signals are derived from different sources they will have different instantaneous frequency variations. In
this case the frequency applied to the TIN pin must be distinctly less than the frequency at the CLK pin to avoid lost
cycles of the TIN signal. With signals derived from different crystal oscillators applied to the TIN and CLK pins with
TS68230
50/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com