Electronic Components Datasheet Search
  English  ▼

X  

TS68230P Datasheet(PDF) 12 Page - STMicroelectronics

Part # TS68230P
Description  HMOS PARALLEL INTERFACE/TIMER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS68230P Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TS68230P Datasheet HTML 8Page - STMicroelectronics TS68230P Datasheet HTML 9Page - STMicroelectronics TS68230P Datasheet HTML 10Page - STMicroelectronics TS68230P Datasheet HTML 11Page - STMicroelectronics TS68230P Datasheet HTML 12Page - STMicroelectronics TS68230P Datasheet HTML 13Page - STMicroelectronics TS68230P Datasheet HTML 14Page - STMicroelectronics TS68230P Datasheet HTML 15Page - STMicroelectronics TS68230P Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 61 page
background image
of chip select, then three-stated to avoid interfe-
rence with the next bus cycle.
The system designer must take care that DTACK is
negated and three-stated quickly enough after each
bus cycle to avoid interference with the next one.
With an TS68000 this necessitates a relatively fast
external path from the data strobe negation to CS
bus master negation.
1.4.2. INTERRUPT ACKNOWLEDGE CYCLES.
Special internal operations take place on PI/T inter-
rupt acknowledge cycles. The port interrupt vector
register or the timer vector register are implicitly ad-
dressed by the assertion of PC6/PIACK or
PC7/TIACK, respectively. The signals are first syn-
chronized with the falling edge of the clock. One
clock period after they are recognized, the data bus
buffers are enabled and the vector is driven onto the
bus. DTACK is asserted after another clock period
to allow the vector some setup time prior to DTACK.
DTACK is negated, then three-stated, as with nor-
mal read or write cycles, when PIACK or TIACK is
negated.
1.4.3. WRITE CYCLES. In many ways, write cycles
are similar to normal read cycles. On write cycles,
data at the D0-D7 pins must meet the same setup
specifications as the register select and R/W lines.
Like these signals, write data is latched on the as-
serted edge of CS, and must meet small setup and
hold time requirements with respect to that edge.
The same bus cycle recovery conditions exist as for
normal read cycles. No other differences exist.
TS68230
12/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com