Electronic Components Datasheet Search
  English  ▼

X  

TSC2008RGVT Datasheet(PDF) 4 Page - Texas Instruments

Part # TSC2008RGVT
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2008RGVT Datasheet(HTML) 4 Page - Texas Instruments

  TSC2008RGVT Datasheet HTML 1Page - Texas Instruments TSC2008RGVT Datasheet HTML 2Page - Texas Instruments TSC2008RGVT Datasheet HTML 3Page - Texas Instruments TSC2008RGVT Datasheet HTML 4Page - Texas Instruments TSC2008RGVT Datasheet HTML 5Page - Texas Instruments TSC2008RGVT Datasheet HTML 6Page - Texas Instruments TSC2008RGVT Datasheet HTML 7Page - Texas Instruments TSC2008RGVT Datasheet HTML 8Page - Texas Instruments TSC2008RGVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
TSC2008
SBAS406A – JUNE 2008 – REVISED DECEMBER 2008 .................................................................................................................................................. www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
At TA = –40°C to +85°C, VDD = +1.2V to +3.6V, unless otherwise noted.
TSC2008
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUT/OUTPUT
Logic family
CMOS
VIH
1.2V
≤ VDD < 3.6V
0.7 × VDD
VDD + 0.3
V
1.2V
≤ VDD < 1.6V
–0.3
0.2 × VDD
V
VIL
1.6V
≤ VDD ≤ 3.6V
–0.3
0.3 × VDD
V
IIL
CS, SCLK, and SDI pins
–1
1
µA
Logic level
CIN
CS, SCLK, and SDI pins
10
pF
VOH
IOH = 2 TTL loads
VDD – 0.2
VDD
V
VOL
IOL = 2 TTL loads
0
0.2
V
ILEAK
Floating output
–1
1
µA
COUT
Floating output
10
pF
Data format
Straight Binary
POWER SUPPLY REQUIREMENTS
Power-supply voltage
VDD
Specified performance
1.2
3.6
V
12-bit,
69.6k eq rate(5)
285.0
320.0
µA
fSCLK = 5MHz,
VDD = 1.2V
fADC = 2MHz,
8.2k eq rate(5)
30.4
37.7
µA
PD[1:0] = 0,0
Quiescent supply current
82.6k eq rate(5)
344.0
425.0
µA
(VDD with sensor off)
VDD = 1.8V
12-bit,
8.2k eq rate(5)
34.5
42.2
µA
fSCLK = 10MHz,
fADC = 2MHz,
84.8k eq rate(5)
461.0
570.0
µA
PD[1:0] = 0,0
VDD = 2.7V
8.2k eq rate(5)
44.6
55.1
µA
Power-down supply current
CS = 1, SDI = SCLK = 1, PENIRQ = 1, PD[1:0] = 0,0
0
0.8
µA
POWER ON/OFF SLOPE REQUIREMENTS
VDD off ramp
TA = –40°C to +85°C
2
kV/s
TA = –40°C to –21°C, VDD = 0V
1
s
VDD off length
TA = –20°C to +85°C, VDD = 0V
0.3
s
VDD on ramp
TA = –40°C to +85°C
12
kV/s
tDEVICE_READY
TA = –40°C to +85°C
2
ms
(5)
See the Throughput Rate and SPI Bus Traffic section for calculation information.
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TSC2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com