Electronic Components Datasheet Search
  English  ▼

X  

TSC2008RGVT Datasheet(PDF) 15 Page - Texas Instruments

Part # TSC2008RGVT
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2008RGVT Datasheet(HTML) 15 Page - Texas Instruments

Back Button TSC2008RGVT Datasheet HTML 11Page - Texas Instruments TSC2008RGVT Datasheet HTML 12Page - Texas Instruments TSC2008RGVT Datasheet HTML 13Page - Texas Instruments TSC2008RGVT Datasheet HTML 14Page - Texas Instruments TSC2008RGVT Datasheet HTML 15Page - Texas Instruments TSC2008RGVT Datasheet HTML 16Page - Texas Instruments TSC2008RGVT Datasheet HTML 17Page - Texas Instruments TSC2008RGVT Datasheet HTML 18Page - Texas Instruments TSC2008RGVT Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
ANALOG-TO-DIGITAL CONVERTER
Converter
-REF
+REF
+IN
-IN
PenTouch
Control
Logic
A[2:0]
MedianValueFilter
and
AveragingFilter
(MAV)
V
DD
GND
GND
R
IRQ
90kW
50kW
AUX
GND
X+
X-
Y+
Y-
VDD/REF
PENIRQ
Reference
TSC2008
www.ti.com .................................................................................................................................................. SBAS406A – JUNE 2008 – REVISED DECEMBER 2008
Figure 24 shows the analog inputs of the TSC2008. The analog inputs (X, Y, and Z touch panel coordinates, chip
temperature and auxiliary inputs) are provided via a multiplexer to the Successive Approximation Register (SAR)
analog-to-digital converter (ADC). The A/D architecture is based on capacitive redistribution architecture, which
inherently includes a sample-and-hold function.
Figure 24. Analog Input Section (Simplified Diagram)
A unique configuration of low on-resistance switches allows an unselected A/D converter input channel to
provide power and an accompanying pin to provide ground for driving the touch panel. By maintaining a
differential input to the converter and a differential reference input architecture, it is possible to negate errors
caused by the driver switch on-resistance.
The TSC2008 uses an external voltage reference applied to the VDD/REF pin. The upper reference voltage
range is the same as the supply voltage range, which allows for simple, 1.2V to 3.6V single-supply operation of
the chip.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): TSC2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com