Electronic Components Datasheet Search
  English  ▼

X  

TSC2008RGVT Datasheet(PDF) 28 Page - Texas Instruments

Part # TSC2008RGVT
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2008RGVT Datasheet(HTML) 28 Page - Texas Instruments

Back Button TSC2008RGVT Datasheet HTML 24Page - Texas Instruments TSC2008RGVT Datasheet HTML 25Page - Texas Instruments TSC2008RGVT Datasheet HTML 26Page - Texas Instruments TSC2008RGVT Datasheet HTML 27Page - Texas Instruments TSC2008RGVT Datasheet HTML 28Page - Texas Instruments TSC2008RGVT Datasheet HTML 29Page - Texas Instruments TSC2008RGVT Datasheet HTML 30Page - Texas Instruments TSC2008RGVT Datasheet HTML 31Page - Texas Instruments TSC2008RGVT Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
TSC2008
SBAS406A – JUNE 2008 – REVISED DECEMBER 2008 .................................................................................................................................................. www.ti.com
As an example, use VDD = 1.2V and 12-bit mode with 2MHz SPI clock (fSCLK = 2MHz). The equivalent TSC
throughput is at least seven times faster than the effective throughput across the bus (9.26k x 7 = 64.82kSPS).
The supply current to the TSC for this rate and configuration is 240.08
µA. To achieve an equivalent sample
throughput of 8.2kSPS using the device without preprocessing, the TSC2008 consumes only (8.2/64.82) ×
240.08
µA = 30.37µA.
Table 7. Effective and Equivalent Throughput Rates
TSC
CONVERSION
EFFECTIVE
EQUIVALENT
NO.
NO.
CCLK
SUPPLY
SPI BUS
CYCLE TIME
THROUGHPUT
THROUGHPUT
OF
OF
fCCLK
PERIODS
VOLTAGE
SPEED (fSCLK)
RESOLUTION
(
µs)
(kSPS)
(kSPS)
SCL
CCLK
(kHz)
(ns)
8-bit
204.3
4.89
34.26
17
127
3700
270.3
100kHz
12-bit
330.0
3.03
21.21
25
148
1850
540.5
8-bit
51.3
19.48
136.39
17
127
3700
270.3
1MHz
12-bit
105.0
9.52
66.67
25
148
1850
540.5
8-bit
42.8
23.35
163.46
17
127
3700
270.3
2MHz
12-bit
92.5
10.81
75.68
25
148
1850
540.5
8-bit
41.1
24.32
170.22
17
127
3700
270.3
2.5MHz
12-bit
90.0
11.11
77.78
25
148
1850
540.5
2.7V
8-bit
38.6
25.92
181.47
17
127
3700
270.3
4MHz
12-bit
86.3
11.59
81.16
25
148
1850
540.5
8-bit
36.0
27.76
194.31
17
127
3700
270.3
10MHz
12-bit
82.5
12.12
84.85
25
148
1850
540.5
8-bit
35.4
28.26
197.81
17
127
3700
270.3
16MHz
12-bit
81.6
12.26
85.82
25
148
1850
540.5
8-bit
35.0
28.57
199.98
17
127
3700
270.3
25MHz
12-bit
81.0
12.35
86.42
25
148
1850
540.5
8-bit
205.3
4.87
34.10
17
127
3600
277.8
100kHz
12-bit
332.2
3.01
21.07
25
148
1800
555.6
8-bit
52.3
19.13
133.90
17
127
3600
277.8
1MHz
12-bit
107.2
9.33
65.28
25
148
1800
555.6
8-bit
43.8
22.84
159.90
17
127
3600
277.8
2MHz
12-bit
94.7
10.56
73.90
25
148
1800
555.6
8-bit
42.1
23.77
166.36
17
127
3600
277.8
1.8V
2.5MHz
12-bit
92.2
10.84
75.90
25
148
1800
555.6
8-bit
39.5
25.30
177.09
17
127
3600
277.8
4MHz
12-bit
88.5
11.30
79.12
25
148
1800
555.6
8-bit
37.0
27.04
189.30
17
127
3600
277.8
10MHz
12-bit
84.7
11.80
82.62
25
148
1800
555.6
8-bit
36.3
27.52
192.62
17
127
3600
277.8
16MHz
12-bit
83.8
11.94
83.55
25
148
1800
555.6
8-bit
211.0
4.74
33.18
17
127
3100
322.5
100kHz
12-bit
345.5
2.89
20.26
25
148
1550
645.2
8-bit
58.0
17.25
120.76
17
127
3100
322.5
1MHz
12-bit
120.5
8.3
58.10
25
148
1550
645.2
8-bit
49.5
20.22
141.51
17
127
3100
322.5
2MHz
12-bit
108.0
9.26
64.82
25
148
1550
645.2
1.2V
8-bit
47.8
20.93
146.54
17
127
3100
322.5
2.5MHz
12-bit
105.5
9.48
66.36
25
148
1550
645.2
8-bit
45.2
22.12
154.81
17
127
3100
322.5
4MHz
12-bit
101.7
9.83
68.81
25
148
1550
645.2
8-bit
44.4
22.54
157.77
17
127
3100
322.5
5MHz
12-bit
100.5
9.95
69.66
25
148
1550
645.2
28
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TSC2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com