Electronic Components Datasheet Search
  English  ▼

X  

TSC2008RGVT Datasheet(PDF) 29 Page - Texas Instruments

Part # TSC2008RGVT
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2008RGVT Datasheet(HTML) 29 Page - Texas Instruments

Back Button TSC2008RGVT Datasheet HTML 25Page - Texas Instruments TSC2008RGVT Datasheet HTML 26Page - Texas Instruments TSC2008RGVT Datasheet HTML 27Page - Texas Instruments TSC2008RGVT Datasheet HTML 28Page - Texas Instruments TSC2008RGVT Datasheet HTML 29Page - Texas Instruments TSC2008RGVT Datasheet HTML 30Page - Texas Instruments TSC2008RGVT Datasheet HTML 31Page - Texas Instruments TSC2008RGVT Datasheet HTML 32Page - Texas Instruments TSC2008RGVT Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
RESET
Power-On Reset
1.2Vto3.6V
0.9V
0.3V
0V
VDD
t
VDD_OFF_RAMP
t
VDD_OFF
t
VDD_ON_RAMP
t
DEVICE_READY
TSC2008
www.ti.com .................................................................................................................................................. SBAS406A – JUNE 2008 – REVISED DECEMBER 2008
The TSC2008 can be reset with three different methods: power-on reset (POR), software reset, and the
proprietary SureSet function. The configuration bits (see Table 3, bit[3:1]) accessible through the setup command
('010') are reset to the respective default values listed in Table 3 after any reset occurs (POR, software reset, or
SureSet).
During TSC2008 power up, an internal power-on reset (POR) is triggered if the power-supply ramping meets the
timing requirements shown in Figure 35 and listed in Table 8. The POR brings the TSC2008 to the default
working condition.
Figure 35. Power-On Reset Timing
Table 8. Timing Requirements for Figure 35
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VDD off ramp
TA = –40°C to +85°C
2
kV/s
TA = –40°C to –21°C
1
s
VDD off length
TA = –20°C to +85°C
0.3
s
VDD on ramp
TA = –40°C to +85°C
12
kV/s
tDEVICE_READY
TA = –40°C to +85°C
2
ms
If the system is not able to meet the power ramping timing requirements, or if the system is not properly reset
(even after a POR), then including the SureSet reset in the initialization routine is recommended.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): TSC2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com