Electronic Components Datasheet Search
  English  ▼

X  

MPR03XEP Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPR03XEP
Description  Proximity Capacitive Touch Sensor Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR03XEP Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPR03XEP Datasheet HTML 1Page - Freescale Semiconductor, Inc MPR03XEP Datasheet HTML 2Page - Freescale Semiconductor, Inc MPR03XEP Datasheet HTML 3Page - Freescale Semiconductor, Inc MPR03XEP Datasheet HTML 4Page - Freescale Semiconductor, Inc MPR03XEP Datasheet HTML 5Page - Freescale Semiconductor, Inc MPR03XEP Datasheet HTML 6Page - Freescale Semiconductor, Inc MPR03XEP Datasheet HTML 7Page - Freescale Semiconductor, Inc MPR03XEP Datasheet HTML 8Page - Freescale Semiconductor, Inc MPR03XEP Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
MPR03X
Sensors
Freescale Semiconductor
3
Preliminary
2
External Signal Description
2.1
Device Pin Assignment
Table 1 shows the pin assignment for the MPR03X. For a more detailed description of the functionality of each pin, refer to the
appropriate chapter.
The package available for the MPR03X is a 2 x 2 mm 8 pin UDFN. The package and pinout is shown in Figure 3.
Figure 3. Package Pinouts
2.2
Recommended System Connections
The MPR03X Capacitive Touch Sensor Controller requires one external passive component. As shown in Table 1, the REXT line
should have a 75 k
Ω connected from the pin to GND. This resistor needs to be 1% tolerance.
In addition to the one resistor, a bypass capacitor of 10µF should always be used between the VDD and VSS lines and a
4.7 k
Ω pull-up resistor should be included on the IRQ.
The remaining three connections are SCL, SDA, IRQ. Depending on the specific application, each of these control lines can be
used by connecting them to a host controller. In the most minimal system, the SCL and SDA must be connected to a master I2C
interface to communicate with the MPR03X. All of the connections for the MPR03X are shown by the schematic in Figure 4.
Figure 4. Recommended System Connections Schematic
Table 1. Device Pin Assignment
Pin
Name
Function
1SCL
I2C Serial Clock Input
2SDA
I2C Serial Data I/O
3VSS
Ground
4VDD
Positive Supply Voltage
5
REXT
Reference Resistor
Connect a 75 k
Ω ±1% resistor from REXT to V
SS
6
ELE0
Electrode 0
7
ELE1
Electrode 1
8IRQ/ELE2
Interrupt Output or Touch Electrode Input 2
IRQ is the active-low open-drain interrupt output
1
SCL
2
3
8
7
6
5
4
SDA
VSS
VDD
IRQ/ELE2
ELE1
ELE0
REXT
MPR03X
Interface
I²C Serial
3
VSS
SDA
SCL
MPR03X
ELE0
ELE1
IRQ/ELE2
1
2
VSS
75k
VDD
REXT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com