Electronic Components Datasheet Search
  English  ▼

X  

MPR03XEP Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPR03XEP
Description  Proximity Capacitive Touch Sensor Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR03XEP Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPR03XEP Datasheet HTML 1Page - Freescale Semiconductor, Inc MPR03XEP Datasheet HTML 2Page - Freescale Semiconductor, Inc MPR03XEP Datasheet HTML 3Page - Freescale Semiconductor, Inc MPR03XEP Datasheet HTML 4Page - Freescale Semiconductor, Inc MPR03XEP Datasheet HTML 5Page - Freescale Semiconductor, Inc MPR03XEP Datasheet HTML 6Page - Freescale Semiconductor, Inc MPR03XEP Datasheet HTML 7Page - Freescale Semiconductor, Inc MPR03XEP Datasheet HTML 8Page - Freescale Semiconductor, Inc MPR03XEP Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
MPR03X
Sensors
2
Freescale Semiconductor
Preliminary
1
Device Overview
1.1
Introduction
MPR03X is a small outline, low profile, low voltage touch sensor controller in a 2 mm x 2 mm DFN which manages up to three
touch pad electrodes. An I2C interface communicates with the host controller at data rates up to 400 kbits/sec. An optional
interrupt output advises the host of electrode status changes. The interrupt output is a multiplexed with the third electrode output,
so using the interrupt output reduces the number of electrode inputs to two. The MPR03X includes three levels of input signal
filtering to detect pad input condition changes due to touch without any processing by the application.
1.2
Internal Block Diagram
Figure 2. Functional Block Diagram
ELE0
ELE1
ELE2
0
1
2
012
Current SourceMultiplexor
Iref
3
Set Source Current
Mirror
Iset
Select Chan
Select
Chan
Set Input Channel
Sel
Set Grounded
Electrodes
10 Bit ADC
Enable
Convert
Clock
Data
10
ADC Result
8MHz
Start Conversion
Shutdown
2
4
Interrupt
Controller
I²C
Interface
32 kHz
Oscillator
User
Registers
Debounced
Results
Magnitude
Comparator
Average
Filtered
Debounce
Result
Debounce Filter Registers
4 x Max Registers
4 x SumRegisters
4xMin Registers
SDA
SCL
IRQ SET
CLR
Shutdown
Debounce
Interval
Debounce
Count
Sample
Interval
Sample
Count
Debounce
and
Sample
Counters
Average
Filtered
Sample
Result
Sample Filter Registers
Max Register
SumRegister
Min Register
Set Source Current
Set Input Channel
ADC Result
8MHz
Start Conversion
Shutdown
8MHz
Oscillator
Shutdown
ADC Controller
Traffic
SDA
SCL
IRQ
32 kHz8 MHz
Set Grounded
Electrodes
Number of
Electrodes
Un-Touched
Baseline
Filter
0V
REXT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com