Electronic Components Datasheet Search
  English  ▼

X  

MPR03XEP Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MPR03XEP
Description  Proximity Capacitive Touch Sensor Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR03XEP Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MPR03XEP Datasheet HTML 4Page - Freescale Semiconductor, Inc MPR03XEP Datasheet HTML 5Page - Freescale Semiconductor, Inc MPR03XEP Datasheet HTML 6Page - Freescale Semiconductor, Inc MPR03XEP Datasheet HTML 7Page - Freescale Semiconductor, Inc MPR03XEP Datasheet HTML 8Page - Freescale Semiconductor, Inc MPR03XEP Datasheet HTML 9Page - Freescale Semiconductor, Inc MPR03XEP Datasheet HTML 10Page - Freescale Semiconductor, Inc MPR03XEP Datasheet HTML 11Page - Freescale Semiconductor, Inc MPR03XEP Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
MPR03X
Sensors
8
Freescale Semiconductor
Preliminary
3
Functional Overview
3.1
Introduction
The MPR03X has an analog front, a digital filter, and a touch recognition system. This data interpretation can be done many
different ways but the method used in the MPR03X is explained in this chapter.
3.2
Understanding the Basics
MPR03X is a touch pad controller which manages two or three touch pad electrodes. An I²C interface communicates with the
host, and an optional interrupt output advises the host of electrode status changes. The interrupt output is a multiplexed function
with the third electrode input, so using the interrupt output reduces the number of electrode inputs to two.
The primary application for MPR03X is the management of user interface touch pads. Monitoring touch pads involves detecting
small changes of pad capacitance. MPR03X incorporates a self calibration function which continually adjusts the baseline
capacitance for each individual electrode. Therefore, the host only has to configure the delta thresholds to interpret a touch or
release.
MPR03X uses a state machine to operate a capacitive measurement engine to analyze the electrodes and determine whether a
pad has been touched or released. Between measurements the MPR03X draws negligible current. The application controls
MPR03X's configuration, making trade-offs between noise rejection, touch response time, and power consumption.
3.3
Implementation
The touch sensor system can be tailored to specific applications by varying the following: a capacitance detector, a raw data low
pass filter, a baseline management system, and a touch detection system. In the following sections, the functionality and
configuration of each block will be described.
Electrodes can be connected to the MPR03X in two different configurations, one with an IRQ and one without (Figure 13).
Figure 13. MPR03X Pad and Interrupt Connection Options
1
2
3
ELE0
ELE1
ELE2
Interface
I²C Serial
VSS
SDA
SCL
MPR03X
ELE0
ELE1
VDD
INT
1
2
SDA
SCL
MPR03X
VDD
Interface
I²C Serial
VSS
VSS
75k
REXT
VSS
75k
REXT
MPR03X with 2 Electrodes and 2 Pads
MPR03X with 3 Electrodes and 3 Pads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com