Electronic Components Datasheet Search
  English  ▼

X  

MPR03XEP Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MPR03XEP
Description  Proximity Capacitive Touch Sensor Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR03XEP Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MPR03XEP Datasheet HTML 5Page - Freescale Semiconductor, Inc MPR03XEP Datasheet HTML 6Page - Freescale Semiconductor, Inc MPR03XEP Datasheet HTML 7Page - Freescale Semiconductor, Inc MPR03XEP Datasheet HTML 8Page - Freescale Semiconductor, Inc MPR03XEP Datasheet HTML 9Page - Freescale Semiconductor, Inc MPR03XEP Datasheet HTML 10Page - Freescale Semiconductor, Inc MPR03XEP Datasheet HTML 11Page - Freescale Semiconductor, Inc MPR03XEP Datasheet HTML 12Page - Freescale Semiconductor, Inc MPR03XEP Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
MPR03X
Sensors
Freescale Semiconductor
9
Preliminary
4
Modes of Operation
4.1
Introduction
MPR03X’s operation modes are Stop, Run1, and Run2. Stop mode is the start-up and configuration mode.
4.2
Stop Mode
In Stop mode, the MPR03X does not monitor any of the electrodes. This mode is the lowest power state.
4.2.1
Initial Power Up
On power-up, the device is in Stop mode, registers are reset to the initial values shown in Table 4, and MPR03X starts in Stop
mode drawing minimal supply current. The user configurable pin IRQ/ELE2 defaults to being the interrupt output IRQ function.
IRQ is reset on power-up, and so defaults to logic high. Since the IRQ is an open-drain output, IRQ will be high impedance.
4.2.2
Stop Mode Usage
In order to set the configuration registers, the device must be in stop mode. This is achieved by setting the EleEn field in the
Electrode Configuration register to zero.
Table 4. Power-Up Register Configurations
Register
Power-Up Condition
Register Address
HEX Value
Touch Status Register
Cleared
0x00
0x00
ELE0 Filtered Data Low Register
Cleared
0x02
0x00
ELE0 Filtered Data High Register
Cleared
0x03
0x00
ELE1 Filtered Data Low Register
Cleared
0x04
0x00
ELE1 Filtered Data High Register
Cleared
0x05
0x00
ELE2 Filtered Data Low Register
Cleared
0x06
0x00
ELE2 Filtered Data High Register
Cleared
0x07
0x00
ELE0 Baseline Value Register
Cleared
0x1A
0x00
ELE1 Baseline Value Register
Cleared
0x1B
0x00
ELE2 Baseline Value Register
Cleared
0x1C
0x00
Max Half Delta Register
Max Half Delta set to 1
0x26
0x00
Noise Half Delta Register
Noise Half Delta Amount set to 1
0x27
0x00
Noise Count Limit Register
Noise Count Limit set to 1
0x28
0x00
ELE0 Touch Threshold Register
Threshold set to 1
0x29
0x00
ELE0 Release Threshold Register
Threshold set to 1
0x2A
0x00
ELE1 Touch Threshold Register
Threshold set to 1
0x2B
0x00
ELE1 Release Threshold Register
Threshold set to 1
0x2C
0x00
ELE2 Touch Threshold Register
Threshold set to 1
0x2D
0x00
ELE2 Release Threshold Register
Threshold set to 1
0x2E
0x00
AFE Configuration Register
6 AFE samples, 16µA charge current
0x41
0x08
Filter Configuration Register
6 touch detection samples, 16ms
detection sample interval
0x43
0x04
Electrode Configuration Register
Stop mode. ELE2/IRQ pin is interrupt
function,
0x44
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com