Electronic Components Datasheet Search
  English  ▼

X  

BLF573S Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLF573S
Description  HF / VHF power LDMOS transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF573S Datasheet(HTML) 2 Page - NXP Semiconductors

  BLF573S Datasheet HTML 1Page - NXP Semiconductors BLF573S Datasheet HTML 2Page - NXP Semiconductors BLF573S Datasheet HTML 3Page - NXP Semiconductors BLF573S Datasheet HTML 4Page - NXP Semiconductors BLF573S Datasheet HTML 5Page - NXP Semiconductors BLF573S Datasheet HTML 6Page - NXP Semiconductors BLF573S Datasheet HTML 7Page - NXP Semiconductors BLF573S Datasheet HTML 8Page - NXP Semiconductors BLF573S Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
BLF573S_1
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 01 — 8 December 2008
2 of 14
NXP Semiconductors
BLF573S
HF / VHF power LDMOS transistor
2.
Pinning information
[1]
Connected to flange.
3.
Ordering information
4.
Limiting values
5.
Thermal characteristics
[1]
Rth(j-c) is measured under RF conditions.
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
drain
2
gate
3
source
[1]
3
2
1
sym112
1
3
2
Table 3.
Ordering information
Type number
Package
Name
Description
Version
BLF573S
-
earless flanged LDMOST ceramic package, 2 leads
SOT502B
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
-
110
V
VGS
gate-source voltage
−0.5
+11
V
ID
drain current
-
42
A
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
-
225
°C
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-c)
thermal resistance from
junction to case
Tcase =80 °C; PL = 300 W
[1]
0.21
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com