Electronic Components Datasheet Search
  English  ▼

X  

BLF573S Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BLF573S
Description  HF / VHF power LDMOS transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF573S Datasheet(HTML) 3 Page - NXP Semiconductors

  BLF573S Datasheet HTML 1Page - NXP Semiconductors BLF573S Datasheet HTML 2Page - NXP Semiconductors BLF573S Datasheet HTML 3Page - NXP Semiconductors BLF573S Datasheet HTML 4Page - NXP Semiconductors BLF573S Datasheet HTML 5Page - NXP Semiconductors BLF573S Datasheet HTML 6Page - NXP Semiconductors BLF573S Datasheet HTML 7Page - NXP Semiconductors BLF573S Datasheet HTML 8Page - NXP Semiconductors BLF573S Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
BLF573S_1
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 01 — 8 December 2008
3 of 14
NXP Semiconductors
BLF573S
HF / VHF power LDMOS transistor
6.
Characteristics
Table 6.
DC characteristics
Tj = 25 °C unless otherwise specified
Symbol Parameter
Conditions
Min
Typ
Max
Unit
V(BR)DSS drain-source breakdown voltage VGS =0V; ID = 3.75 mA
110
-
-
V
VGS(th)
gate-source threshold voltage
VDS = 10 V; ID = 375 mA
1.25
1.7
2.25
V
VGSq
gate-source quiescent voltage
VDS = 50 V; ID = 900 mA
1.45
1.95
2.45
V
IDSS
drain leakage current
VGS =0V; VDS = 50 V
-
-
4.2
µA
IDSX
drain cut-off current
VGS =VGS(th) + 3.75 V;
VDS =10V
44
56
-
A
IGSS
gate leakage current
VGS =11V; VDS = 0 V
-
-
420
nA
gfs
forward transconductance
VDS = 10 V; ID = 18.75 A
-
20
-
S
RDS(on)
drain-source on-state
resistance
VGS =VGS(th) + 3.75 V;
ID = 12.49 A
-
0.09
-
Ω
Crs
feedback capacitance
VGS =0V; VDS =50V;
f=1MHz
-
2.3
-
pF
Ciss
input capacitance
VGS =0V; VDS =50V;
f=1MHz
-
300
-
pF
Coss
output capacitance
VGS =0V; VDS =50V;
f=1MHz
-
103
-
pF
Table 7.
RF characteristics
Mode of operation: CW; f = 225 MHz; RF performance at VDS = 50 V; IDq = 900 mA; Tcase =25 °C;
unless otherwise specified; in a class-AB production test circuit
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Gp
power gain
PL = 300 W
25
26.5
28
dB
RLin
input return loss
PL = 300 W
10
13
-
dB
ηD
drain efficiency
PL = 300 W
67
70
-
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com