Electronic Components Datasheet Search
  English  ▼

X  

BLF573S Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BLF573S
Description  HF / VHF power LDMOS transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF573S Datasheet(HTML) 5 Page - NXP Semiconductors

  BLF573S Datasheet HTML 1Page - NXP Semiconductors BLF573S Datasheet HTML 2Page - NXP Semiconductors BLF573S Datasheet HTML 3Page - NXP Semiconductors BLF573S Datasheet HTML 4Page - NXP Semiconductors BLF573S Datasheet HTML 5Page - NXP Semiconductors BLF573S Datasheet HTML 6Page - NXP Semiconductors BLF573S Datasheet HTML 7Page - NXP Semiconductors BLF573S Datasheet HTML 8Page - NXP Semiconductors BLF573S Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
BLF573S_1
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 01 — 8 December 2008
5 of 14
NXP Semiconductors
BLF573S
HF / VHF power LDMOS transistor
7.2 Reliability
TTF (0.1 % failure fraction).
(1) Tj = 100 °C
(2) Tj = 110 °C
(3) Tj = 120 °C
(4) Tj = 130 °C
(5) Tj = 140 °C
(6) Tj = 150 °C
(7) Tj = 160 °C
(8) Tj = 170 °C
(9) Tj = 180 °C
(10) Tj = 190 °C
(11) Tj = 200 °C
Fig 3.
BLF573S electromigration (ID, total device)
001aaj142
102
10
104
103
105
Years
1
Idc (A)
0
20
16
812
4
(7)
(8)
(9) (10)
(1)
(2)
(3)
(4)
(5)
(6)
(11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com