Electronic Components Datasheet Search
  English  ▼

X  

BLF573S Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLF573S
Description  HF / VHF power LDMOS transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF573S Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLF573S Datasheet HTML 4Page - NXP Semiconductors BLF573S Datasheet HTML 5Page - NXP Semiconductors BLF573S Datasheet HTML 6Page - NXP Semiconductors BLF573S Datasheet HTML 7Page - NXP Semiconductors BLF573S Datasheet HTML 8Page - NXP Semiconductors BLF573S Datasheet HTML 9Page - NXP Semiconductors BLF573S Datasheet HTML 10Page - NXP Semiconductors BLF573S Datasheet HTML 11Page - NXP Semiconductors BLF573S Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
BLF573S_1
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 01 — 8 December 2008
8 of 14
NXP Semiconductors
BLF573S
HF / VHF power LDMOS transistor
8.1.2 2-Tone CW
8.2 Test circuit
VDS = 50 V; IDq = 900 mA; f1 = 224.95 MHz;
f2 = 225.05 MHz.
VDS = 50 V; f1 = 224.95 MHz; f2 = 225.05 MHz.
(1) IDq = 500 mA
(2) IDq = 700 mA
(3) IDq = 900 mA
(4) IDq = 1100 mA
(5) IDq = 1300 mA
(6) IDq = 1500 mA
(7) IDq = 1700 mA
(8) IDq = 1800 mA
Fig 7.
Power gain and drain efficiency as functions of
peak envelope load power; typical values
Fig 8.
Third order intermodulation distortion as a
function of peak envelope load power; typical
values
PL(PEP) (W)
0
500
400
200
300
100
001aaj146
26
24
28
30
Gp
(dB)
22
40
20
60
80
ηD
(%)
0
Gp
ηD
PL(PEP) (W)
0
500
400
200
300
100
001aaj147
−40
−60
−20
0
IMD3
(dBc)
−80
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
Table 9.
List of components
For production test circuit, see Figure 9 and Figure 10.
Printed-Circuit Board (PCB): Rogers 5880;
εr = 2.2 F/m; height = 0.79 mm; Cu (top/bottom metallization);
thickness copper plating = 35
µm.
Component
Description
Value
Remarks
B1
ferrite SMD bead
100
Ω; 100 MHz
Ferroxcube BDS3/3/8.9-4S2 or equivalent
C1, C18
multilayer ceramic chip capacitor
100 pF
[1]
C2
multilayer ceramic chip capacitor
39 pF
[1]
C3, C4
multilayer ceramic chip capacitor
180 pF
[1]
C5, C6, C7
multilayer ceramic chip capacitor
220 pF
[1]
C8, C20
multilayer ceramic chip capacitor
1 nF
[1]
C9
multilayer ceramic chip capacitor
4.7
µF
TDK C4532X7R1E475MT020U or equivalent
C10
multilayer ceramic chip capacitor
30 pF
[1]
C11, C12, C13 multilayer ceramic chip capacitor
51 pF
[1]
C14
multilayer ceramic chip capacitor
43 pF
[1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com