Electronic Components Datasheet Search
  English  ▼

X  

LPC2220 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # LPC2220
Description  16/32-bit ARM microcontrollers; flashless, with 10-bit ADC and external memory interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2220 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button LPC2220 Datasheet HTML 14Page - NXP Semiconductors LPC2220 Datasheet HTML 15Page - NXP Semiconductors LPC2220 Datasheet HTML 16Page - NXP Semiconductors LPC2220 Datasheet HTML 17Page - NXP Semiconductors LPC2220 Datasheet HTML 18Page - NXP Semiconductors LPC2220 Datasheet HTML 19Page - NXP Semiconductors LPC2220 Datasheet HTML 20Page - NXP Semiconductors LPC2220 Datasheet HTML 21Page - NXP Semiconductors LPC2220 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
LPC2210_2220_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 11 December 2008
18 of 50
NXP Semiconductors
LPC2210/2220
16/32-bit ARM microcontrollers
6.5 Pin connect block
The pin connect block allows selected pins of the microcontroller to have more than one
function. Configuration registers control the multiplexers to allow connection between the
pin and the on chip peripherals. Peripherals should be connected to the appropriate pins
prior to being activated, and prior to any related interrupt(s) being enabled. Activity of any
enabled peripheral function that is not mapped to a related pin should be considered
undefined.
The pin control module contains three registers as shown in Table 6.
6.6 Pin function select register 0 (PINSEL0 - 0xE002 C000)
The PINSEL0 register controls the functions of the pins as per the settings listed in
Table 7. The direction control bit in the IODIR register is effective only when the GPIO
function is selected for a pin. For other functions, direction is controlled automatically.
Settings other than those shown in Table 7 are reserved, and should not be used
Table 6.
Pin control module registers
Address
Name
Description
Access
0xE002 C000
PINSEL0
pin function select register 0
read/write
0xE002 C004
PINSEL1
pin function select register 1
read/write
0xE002 C014
PINSEL2
pin function select register 2
read/write
Table 7.
Pin function select register 0 (PINSEL0 - 0xE002 C000)
PINSEL0
Pin name
Value
Function
Value after reset
1:0
P0.0
0
0
GPIO Port 0.0
0
0
1
TXD0 (UART0)
1
0
PWM1
1
1
reserved
3:2
P0.1
0
0
GPIO Port 0.1
0
0
1
RXD0 (UART0)
1
0
PWM3
1
1
EINT0
5:4
P0.2
0
0
GPIO Port 0.2
0
0
1
SCL (I2C-bus)
1
0
Capture 0.0 (Timer 0)
1
1
reserved
7:6
P0.3
0
0
GPIO Port 0.3
0
01SDA (I2C-bus)
1
0
Match 0.0 (Timer 0)
1
1
EINT1
9:8
P0.4
0
0
GPIO Port 0.4
0
0
1
SCK (SPI0)
1
0
Capture 0.1 (Timer 0)
1
1
reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com