Electronic Components Datasheet Search
  English  ▼

X  

LPC2220 Datasheet(PDF) 43 Page - NXP Semiconductors

Part # LPC2220
Description  16/32-bit ARM microcontrollers; flashless, with 10-bit ADC and external memory interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2220 Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button LPC2220 Datasheet HTML 39Page - NXP Semiconductors LPC2220 Datasheet HTML 40Page - NXP Semiconductors LPC2220 Datasheet HTML 41Page - NXP Semiconductors LPC2220 Datasheet HTML 42Page - NXP Semiconductors LPC2220 Datasheet HTML 43Page - NXP Semiconductors LPC2220 Datasheet HTML 44Page - NXP Semiconductors LPC2220 Datasheet HTML 45Page - NXP Semiconductors LPC2220 Datasheet HTML 46Page - NXP Semiconductors LPC2220 Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 50 page
background image
LPC2210_2220_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 11 December 2008
43 of 50
NXP Semiconductors
LPC2210/2220
16/32-bit ARM microcontrollers
9.3 LPC2220 and LPC2210/01 power consumption measurements
Test conditions: code executed from on-chip RAM; all peripherals are enabled in PCONP register; PCLK = CCLK/4.
(1) 1.8 V core at 85
°C (typical)
(2) 1.8 V core at 25
°C (typical)
(3) 1.65 V core at 25
°C (typical)
Fig 12. LPC2220 and LPC2210/01 IDD in Active mode measured at different frequencies (CCLK) and temperatures
frequency (MHz)
002aad390
IDD
(mA)
40
20
10
60
50
30
70
0
0
75
45
60
15
30
(1), (2)
(3)
Test conditions: Idle mode entered executing code from on-chip RAM; all peripherals are enabled in PCONP register;
PCLK = CCLK/4.
(1) 1.8 V core at 85
°C (typical)
(2) 1.8 V core at 25
°C (typical)
(3) 1.65 V core at 25
°C (typical)
Fig 13. LPC2220 and LPC2210/01 IDD in Idle mode measured at different frequencies (CCLK) and temperatures
frequency (MHz)
002aad391
IDD
(mA)
8
4
2
12
10
6
14
0
0
75
45
60
15
30
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com