Electronic Components Datasheet Search
  English  ▼

X  

LPC2220 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # LPC2220
Description  16/32-bit ARM microcontrollers; flashless, with 10-bit ADC and external memory interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2220 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button LPC2220 Datasheet HTML 6Page - NXP Semiconductors LPC2220 Datasheet HTML 7Page - NXP Semiconductors LPC2220 Datasheet HTML 8Page - NXP Semiconductors LPC2220 Datasheet HTML 9Page - NXP Semiconductors LPC2220 Datasheet HTML 10Page - NXP Semiconductors LPC2220 Datasheet HTML 11Page - NXP Semiconductors LPC2220 Datasheet HTML 12Page - NXP Semiconductors LPC2220 Datasheet HTML 13Page - NXP Semiconductors LPC2220 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
LPC2210_2220_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 11 December 2008
10 of 50
NXP Semiconductors
LPC2210/2220
16/32-bit ARM microcontrollers
P0.28/AIN1/
CAP0.2/MAT0.2
25[4]
J1[4]
I
AIN1 — ADC, input 1. This analog input is always connected
to its pin.
I
CAP0.2 — Capture input for Timer 0, channel 2.
O
MAT0.2 — Match output for Timer 0, channel 2.
P0.29/AIN2/
CAP0.3/MAT0.3
32[4]
L1[4]
I
AIN2 — ADC, input 2. This analog input is always connected
to its pin.
I
CAP0.3 — Capture input for Timer 0, Channel 3.
O
MAT0.3 — Match output for Timer 0, channel 3.
P0.30/AIN3/
EINT3/CAP0.0
33[4]
L2[4]
I
AIN3 — ADC, input 3. This analog input is always connected
to its pin.
I
EINT3 — External interrupt 3 input.
I
CAP0.0 — Capture input for Timer 0, channel 0.
P1.0 to P1.31
I/O
Port 1: Port 1 is a 32-bit bidirectional I/O port with individual
direction controls for each bit. The operation of port 1 pins
depends upon the pin function selected via the Pin Connect
Block.
Pins 0 through 15 of port 1 are not available.
P1.0/CS0
91[5]
G11[5]
O
CS0 — LOW-active Chip Select 0 signal.
(Bank 0 addresses range 0x8000 0000 to 0x80FF FFFF)
P1.1/OE
90[5]
G13[5]
O
OE — LOW-active Output Enable signal.
P1.16/
TRACEPKT0
34[5]
L3[5]
O
TRACEPKT0 — Trace Packet, bit 0. Standard I/O port with
internal pull-up.
P1.17/
TRACEPKT1
24[5]
H4[5]
O
TRACEPKT1 — Trace Packet, bit 1. Standard I/O port with
internal pull-up.
P1.18/
TRACEPKT2
15[5]
F2[5]
O
TRACEPKT2 — Trace Packet, bit 2. Standard I/O port with
internal pull-up.
P1.19/
TRACEPKT3
7[5]
D2[5]
O
TRACEPKT3 — Trace Packet, bit 3. Standard I/O port with
internal pull-up.
P1.20/
TRACESYNC
102[5]
D12[5]
O
TRACESYNC — Trace Synchronization. Standard I/O port
with internal pull-up.
Note: LOW on this pin while RESET is LOW, enables pins
P1[25:16] to operate as Trace port after reset.
P1.21/
PIPESTAT0
95[5]
F11[5]
O
PIPESTAT0 — Pipeline Status, bit 0. Standard I/O port with
internal pull-up.
P1.22/
PIPESTAT1
86[5]
H11[5]
O
PIPESTAT1 — Pipeline Status, bit 1. Standard I/O port with
internal pull-up.
P1.23/
PIPESTAT2
82[5]
J11[5]
O
PIPESTAT2 — Pipeline Status, bit 2. Standard I/O port with
internal pull-up.
P1.24/
TRACECLK
70[5]
L11[5]
O
TRACECLK — Trace Clock. Standard I/O port with internal
pull-up.
P1.25/EXTIN0
60[5]
K8[5]
I
EXTIN0 — External Trigger Input. Standard I/O with internal
pull-up.
Table 4.
Pin description …continued
Symbol
Pin (LQFP)
Pin (TFBGA) Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com