Electronic Components Datasheet Search
  English  ▼

X  

TDF8553J Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDF8553J
Description  I2C-bus controlled 4 X 50 Watt power amplifier and multiple voltage regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8553J Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDF8553J Datasheet HTML 14Page - NXP Semiconductors TDF8553J Datasheet HTML 15Page - NXP Semiconductors TDF8553J Datasheet HTML 16Page - NXP Semiconductors TDF8553J Datasheet HTML 17Page - NXP Semiconductors TDF8553J Datasheet HTML 18Page - NXP Semiconductors TDF8553J Datasheet HTML 19Page - NXP Semiconductors TDF8553J Datasheet HTML 20Page - NXP Semiconductors TDF8553J Datasheet HTML 21Page - NXP Semiconductors TDF8553J Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 47 page
background image
TDF8553J_1
© NXP B.V. 2008. All rights reserved.
Objective data sheet
Rev. 01 — 3 December 2008
18 of 47
NXP Semiconductors
TDF8553J
4
× 50 Watt power amplifier and multiple voltage regulator
Table 7.
Regulator 4 (mechanical drive) output voltage control
Bit
Output (V)
D7
D6
D5
0000 (off)
0015
0106
0117
1008.6
1018.0
Table 8.
Regulator 1 (audio) output voltage control
Bit
Output (V)
D3
D2
0
0
0 (off)
0
1
8.3
1
0
8.6
1
1
5.0
Table 9.
Instruction byte IB3 bit description
Bit
Symbol
Description
7
D7
clip detection level
0 = 4 % detection level
1 = 1 % detection level
6
D6
amplifier channels 1 and 2 gain select
0 = 26 dB gain (normal mode)
1 = 20 dB gain (line-driver mode)
5
D5
amplifier channels 3 and 4 gain select
0 = 26 dB gain (normal mode)
1 = 20 dB gain (line-driver mode)
4
D4
amplifier thermal protection pre-warning
0 = warning at 145
°C
1 = warning at 122
°C
3
D3
disable channel 1
0 = enable channel 1
1 = disable channel 1
2
D2
disable channel 2
0 = enable channel 2
1 = disable channel 2
1
D1
disable channel 3
0 = enable channel 3
1 = disable channel 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com